Part Name
         Description
CHEMA6PT

 Dual Digital Silicon Transistor ( 3 Page)


CHENMKO
100% 
Zoom Out Zoom In
   
 3 page
background image
RATING CHARACTERISTIC CURVES ( CHEMA6PT )
Typical Electrical Characteristics
-10u
-50
Typical Electrical Characteristics
u
-100u
-100u
-500u -1m
-5m -10m
−1m
-1
-5m
-500m
-10m
-200m
-50m
-100m
-100m
-50m
1k
-20m
500
-10m
200
-5m
100
-2m
50
-1m
20
10
5
COLLECTOR CURRENT : I
2
C
(A)
1
Fig.1 DC current gain vs. collector
current
Fig.2 Collector-emitter saturation
voltage vs. collector current
COLLECTOR CURRENT : IC
(A)
VCE -5V
=
Ta=100 C
25 C
-40 C
O
O
O
lC/lB 10
=
100 C
25 C
-40 C
O
O
O



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
CHEMA2PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHEMA3PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHEMA4PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHEMA5PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
TC74HC390AP_07CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter 1 2 3 4 5 MoreToshiba Semiconductor
CHDTA114TKPTPNP Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHDTA115TEPTPNP Digital Silicon Transistor 1 2 Chenmko Enterprise Co. Ltd.
CHDTA124EEPTPNP Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHDTA143EEPTPNP Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl