Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC11 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC11
Description  General-Purpose Low-Voltage 1.1V to 3.6V/0 16-bit 22-KSPS DSP CODEC
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC11 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320AIC11 Datasheet HTML 5Page - Texas Instruments TLV320AIC11 Datasheet HTML 6Page - Texas Instruments TLV320AIC11 Datasheet HTML 7Page - Texas Instruments TLV320AIC11 Datasheet HTML 8Page - Texas Instruments TLV320AIC11 Datasheet HTML 9Page - Texas Instruments TLV320AIC11 Datasheet HTML 10Page - Texas Instruments TLV320AIC11 Datasheet HTML 11Page - Texas Instruments TLV320AIC11 Datasheet HTML 12Page - Texas Instruments TLV320AIC11 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
1–3
1.2
Functional Block Diagram
Sigma-
Delta
ADC
Sync
Filter
Low
Pass
Filter
Sigma-
Delta
DAC
ADREFP
ADREFM
MCLK
Interface
Circuit
Div
256xN
DIN
M/S
FSD
FS
SCLK
M0
M1
OUTP
OUTM
PGA
PGA
DOUT
Internal Clock Circuit
FIR
Filter
Analog
Loopback
Decimation Filter
Anti-
Aliasing
Filter
VMID
@ 5 mA
Vref
ALTI
FLAG
FC
DCSI
DAREFP
DAREFM
MUX
AURXM
AURXFP
INM
INP
AURXCP
1.5 V
or
2.5V
DTXOP
DTXIM
Receiver or MIC Amp
Transmitter Amp
DTXIP
DTXOM
+
+
+
A3
A4
A2
A1
Sync
Filter
FIR
Filter
Interpolation Filter
Digital
Loopback


Similar Part No. - TLV320AIC11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
TLV320AIC1103GQER TI1-TLV320AIC1103GQER Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBS TI1-TLV320AIC1103PBS Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSG4 TI1-TLV320AIC1103PBSG4 Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
More results

Similar Description - TLV320AIC11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC10 TI-TLV320AIC10 Datasheet
273Kb / 57P
[Old version datasheet]   General-Purpose 3V to 5.5V 16-bit 22-KSPS DSP CODEC
TLV320AIC10IGQER TI-TLV320AIC10IGQER Datasheet
432Kb / 57P
[Old version datasheet]   General-Purpose 3 V to 5.5V 16-Bit 22-KSPS DSP CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
logo
Cirrus Logic
WM0011 CIRRUS-WM0011 Datasheet
2Mb / 233P
   General Purpose Low-Power Audio DSP
logo
Fairchild Semiconductor
74VCX16722 FAIRCHILD-74VCX16722 Datasheet
83Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
74VCX16722 FAIRCHILD-74VCX16722_05 Datasheet
108Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com