Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHDTC614TKPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHDTC614TKPT
Description  NPN Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHDTC614TKPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHDTC614TKPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHDTC614TKPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHDTC614TKPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHARACTERISTICS
Tamb = 25 °C unless otherwise speciÞed.
Note
1.Pulse test: tp
≤300uS; δ≤0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BVCBO
Collector-base breakdown voltage
IC=50uA
20
V
BVCEO
Collector-emitter breakdown voltage
IC=1.0mA
20
V
V
BVEBO
Emitter-base breakdown voltage
IE=50uA
12
ICBO
Collector cutoff current
VCB=20V
0.5
uA
IEBO
Emitter cutoff current
hFE
DC current gain
VEB=12V
VCE(sat)
Collector-emitter saturation voltage
IC/IB=50mA/2.5mA
0.5
150
2700
820
R1
Input resistor
K
uA
f T
Transition frequency
IE=-50mA, VCE=10.0V
f=100MHz
150
MHz
RATING CHARACTERISTIC ( CHDTC614TKPT )
IC=50mA; VCE=5.0V
mV
40
10
13
7
RON
Output "ON" resistance
0.9
VI=5V,RL=1K
Ω ,f=1KHZ


Similar Part No. - CHDTC614TKPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHDTC614TUPT CHENMKO-CHDTC614TUPT Datasheet
78Kb / 3P
   NPN Digital Silicon Transistor
More results

Similar Description - CHDTC614TKPT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
   NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
Jun-14-2004
logo
Chenmko Enterprise Co. ...
CHUMG8PT CHENMKO-CHUMG8PT Datasheet
135Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TKPT CHENMKO-CHDTC144TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TMPT CHENMKO-CHDTC144TMPT Datasheet
90Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144WKPT CHENMKO-CHDTC144WKPT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
CHDTC363EKPT CHENMKO-CHDTC363EKPT Datasheet
134Kb / 3P
   NPN Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com