Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2254MW Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV2254MW
Description  Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2254MW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2254MW Datasheet HTML 4Page - Texas Instruments TLV2254MW Datasheet HTML 5Page - Texas Instruments TLV2254MW Datasheet HTML 6Page - Texas Instruments TLV2254MW Datasheet HTML 7Page - Texas Instruments TLV2254MW Datasheet HTML 8Page - Texas Instruments TLV2254MW Datasheet HTML 9Page - Texas Instruments TLV2254MW Datasheet HTML 10Page - Texas Instruments TLV2254MW Datasheet HTML 11Page - Texas Instruments TLV2254MW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
TLV225x, TLV225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS185C – FEBRUARY 1997 – REVISED – MARCH 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2252I electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2252I
TLV2252AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
V
V
25
°C
200
1500
200
850
µV
VIO
Input offset voltage
V
V
V
Full range
1750
1000
µV
αVIO
Temperature coefficient
V
V
V
25
°C
05
05
µV/°C
αVIO
of input offset voltage
V
V
V
to 85
°C
0.5
0.5
µV/°C
Input offset voltage long-
term drift (see Note 4)
V
V
V
25
°C
0.003
0.003
µV/mo
VDD
± = ±2.5 V,
VIC = 0,
25
°C
0.5
60
0.5
60
IIO
Input offset current
VO = 0,
IC
RS = 50 Ω
–40
°C
to 85
°C
150
150
pA
Full range
1000
1000
25
°C
1
60
1
60
IIB
Input bias current
–40
°C
to 85
°C
150
150
pA
Full range
1000
1000
VICR
Common-mode input
|VIO |≤5mV
RS =50 Ω
25
°C
0
to
4
– 0.3
to
4.2
0
to
4
– 0.3
to
4.2
V
VICR
voltage range
|VIO | ≤5 mV,
RS = 50 Ω
Full range
0
to
3.5
0
to
3.5
V
IOH = – 20 µA
25
°C
4.98
4.98
VOH
High level output voltage
IOH = 75 µA
25
°C
4.9
4.94
4.9
4.94
V
VOH
High-level output voltage
IOH = – 75 µA
Full range
4.8
4.8
V
IOH = – 150 µA
25
°C
4.8
4.88
4.8
4.88
VIC =2 5V
IOL =50 µA
25
°C
0.01
0.01
VIC = 2.5 V,
IOL = 50 µA
Full range
0.06
0.06
VOL
Low level output voltage
VIC =2 5V
IOL = 500 µA
25
°C
0.09
0.15
0.09
0.15
V
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 500 µA
Full range
0.15
0.15
V
VIC =2 5V
IOL =1 mA
25
°C
0.2
0.3
0.2
0.3
VIC = 2.5 V,
IOL = 1 mA
Full range
0.3
0.3
L
i
l diff
ti l
V2 5 V
RL 100 kه
25
°C
100
350
100
350
AVD
Large-signal differential
voltage amplification
VIC = 2.5 V,
VO =1Vto4V
RL = 100 kه
Full range
10
10
V/mV
voltage am lification
VO = 1 V to 4 V
RL = 1 Mه
25
°C
1700
1700
ri(d)
Differential input
resistance
25
°C
1012
1012
ri(c)
Common-mode input
resistance
25
°C
1012
1012
ci(c)
Common-mode input
capacitance
f = 10 kHz,
P package
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 25 kHz,
AV = 10
25
°C
200
200
CMRR
Common-mode rejection
VIC = 0 to 2.7 V,
VO = 2.5 V,
25
°C
70
83
70
83
dB
CMRR
j
ratio
IC
RS = 50 Ω
O
Full range
70
70
dB
† Full range is – 40
°C to 125°C.
‡ Referenced to 2.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLV2254MW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2254MW TI-TLV2254MW Datasheet
1Mb / 55P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER POERATIONAL AMPLIFIERS
TLV2254MWB TI-TLV2254MWB Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2254MWB TI-TLV2254MWB Datasheet
1Mb / 55P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER POERATIONAL AMPLIFIERS
More results

Similar Description - TLV2254MW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X TI-TLC225X Datasheet
926Kb / 57P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2721 TI-TLV2721 Datasheet
579Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2221 TI-TLV2221 Datasheet
593Kb / 29P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X Datasheet
817Kb / 51P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274ACPW TI-TLC2274ACPW Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI1-TLV226X_15 Datasheet
2Mb / 64P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2231 TI-TLV2231 Datasheet
585Kb / 27P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731 TI-TLV2731 Datasheet
631Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC2872Z TI1-TLC2872Z Datasheet
260Kb / 17P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com