Part Name
         Description
CHDTC144WEPT

 NPN Digital Silicon Transistor ( 2 Page)


CHENMKO
100% 
Zoom Out Zoom In
   
 2 page
background image
CHARACTERISTICS
Tamb = 25 °C unless otherwise speciÞed.
Note
1.Pulse test: tp
≤300uS; δ≤0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIoff)
Input off voltage
IO=100uA; VCC=5.0V
V
VI(on)
Input on voltage
IO=2mA; VO=0.3V
V
V
VO(on)
Output voltage
IO=10mA; II=0.5mA
II
Input current
VI=5V
0.16
mA
IC(off)
Output current
R1
Input resistor
VI=0V; VCC=50V
hFE
DC current gain
IO=5mA; VO=5.0V
0.5
56
61.1
32.9
K
R2/R1
Resistor ratio
0.37
0.47
0.57
47
uA
f T
Transition frequency
IE=-5mA, VCE=10.0V
f=100MHz
=
250
MHz
RATING CHARACTERISTIC ( CHDTC144WEPT )
0.1
0.3
0.8
4.0



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
CHDTC114TMPTNPN Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHDTC115TUPTNPN Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHDTC124XKPTNPN Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHDTC144EMPTNPN Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHDTC114TUPTNPN Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHDTC123EEPTNPN Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHDTC124XMPTNPN Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHDTC144EUPTNPN Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHDTC114WEPTNPN Digital Silicon Transistor 1 2 Chenmko Enterprise Co. Ltd.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl