Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2541ID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2541ID
Description  2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2541ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2541ID Datasheet HTML 5Page - Texas Instruments TLV2541ID Datasheet HTML 6Page - Texas Instruments TLV2541ID Datasheet HTML 7Page - Texas Instruments TLV2541ID Datasheet HTML 8Page - Texas Instruments TLV2541ID Datasheet HTML 9Page - Texas Instruments TLV2541ID Datasheet HTML 10Page - Texas Instruments TLV2541ID Datasheet HTML 11Page - Texas Instruments TLV2541ID Datasheet HTML 12Page - Texas Instruments TLV2541ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TLV2541, TLV2542, TLV2545
2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS245 –MARCH 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VDD = VREF = 2.7 V to 5.5 V, SCLK frequency = 20 MHz at 5 V, 15 MHz at 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
High level output voltage
VDD = 5.5 V, IOH = –0.2 mA at 30 pF load
2.4
V
VOH
High-level output voltage
VDD = 2.7 V, IOH = -20 µA at 30 pF load
VDD–0.2
V
VO
Low level output voltage
VDD = 5.5 V, IOL = 0.8 mA at 30 pF load
0.4
V
VOL
Low-level output voltage
VDD = 2.7 V, IOL = 20 µA at 30 pF load
0.1
V
IO
Off-state output current
VO = VDD
CS
VDD
1
2.5
µA
IOZ
(high-impedance-state)
VO = 0
CS = VDD
–1
–2.5
µA
IIH
High-level input current
VI = VDD
0.005
2.5
µA
IIL
Low-level input current
VI = 0 V
–0.005
2.5
µA
ICC
Operating supply current
CS at 0 V
VDD = 4.5 V ~ 5.5 V
1.3
1.5
mA
ICC
Operating supply current
CS at 0 V,
VDD = 2.7 V ~ 3.3 V
0.85
0.95
mA
Autopower-down current (0.5
µs inactive)
For all digital inputs,
0
≤ VI ≤ 0.3 V or VI ≥ VDD– 0.3 V,
SCLK = 0, VDD = 4.5 V to 5.5 V, Ext ref
5
µA
ICC(
O
)
VDD = 2.7 V to 3.3 V, Ext ref
2
ICC(AUTOPWDN)
Autopower-down current (5
µs inactive)
For all digital inputs,
0
≤ VI ≤ 0.3 V or VI ≥ VDD– 0.3 V,
SCLK = 0, VDD = 4.5 V to 5.5 V, Ext ref
1
µA
VDD = 2.7 V to 3.3 V
1
Selected analog input channel leakage
Selected channel at VDD
1
µA
gg
current
Selected channel at 0 V
–1
µA
C
Input capacitance
Analog inputs
20
45
50
pF
Ci
Input capacitance
Control Inputs
5
25
pF
Input on resistance
VDD = 5.5 V
500
Input on resistance
VDD = 2.7 V
600
Delay time, delay from CS falling edge to
VDD = REF = 5.5 V, 30 pF load
40
ns
y,
y
g
g
SDO valid, td(CSL-SDOV)
VDD = REF = 2.7 V, 30 pF load
70
ns
Delay time, delay from FS falling edge to
VDD = REF = 5.5 V, 30 pF load
1
ns
y,
y
g
g
SDO valid, td(FSL-SDOV)
VDD = REF = 2.7 V, 30 pF load
1
ns
Delay time, delay from SCLK rising edge
VDD = REF = 5.5 V, 30 pF load
11
ns
y,y
g
g
to SDO valid, td(SCLKH-SDOV)
VDD = REF = 2.7 V, 30 pF load
21
ns
Delay time, delay from 17th SCLK rising
VDD = REF = 5.5 V, 30 pF load
30
ns
y,y
g
edge to SDO 3-state, td(SCLK17H-SDOZ) VDD = REF = 2.7 V, 30 pF load
60
ns
tc
Conversion time
Conversion clock = internal oscillator
2.1
2.6
3.5
µs
t(sample)
Sampling time
See Note 3
300
ns
Autopower down
Action time
ICC start to decrease
0.5
SCLK
Autopower down
Wakeup time
ICC down to MIN [ICC(AUTOPWDN)]
1
2
ms
Autopower down
0.5
SCLK
† All typical values are at VDD = 5 V, TA = 25°C.
NOTE 3: Minimal t(sample) is given by 0.9 × 50 pF × (RS + 0.6 kW), where RS is the source output impedance.


Similar Part No. - TLV2541ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2541ID TI-TLV2541ID Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDG4 TI-TLV2541IDG4 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDGK TI-TLV2541IDGK Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDGKG4 TI-TLV2541IDGKG4 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDGKR TI-TLV2541IDGKR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Similar Description - TLV2541ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
[Old version datasheet]   3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com