Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60050QTA30NKS Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ60050QTA30NKS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60050QTA30NKS Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ60050QTA30NKS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product # PQ60050QTA30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QT650C Rev. E
05/20/09
Page 6
Technical Specification
Input:
Output:
Current:
Package:
35-75 V
5.0 V
30 A
Quarter-brick
0
5
10
15
20
25
30
0
25
40
55
70
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 7: Maximum output power derating curves vs. ambient air
temperature for airflow rates of 50 LFM through 400 LFM with air flowing
across the converter from input to output (nominal input voltage).
Figure 8: Thermal plot of converter at 26.5 amp load current (133W)
with 55°C air flowing at the rate of 200 LFM. Air is flowing across the
converter from input to output (nominal input voltage).
Figure 9: Turn-on transient at full rated load (resistive load) (2 ms/div) Input
voltage pre-applied. Ch 1: Vout (2V/div). Ch 2: ON/OFF input (5V/div)
Figure 10: Turn-on transient at zero load current (2 ms/div).
Ch 1: Vout (2V/div)
Ch 2: ON/OFF input (5V/div)
Figure 11: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 10µF, 100 m
W ESR tantalum
cap and 1µF ceramic capacitor. Ch 1: Vout (500mV/div), Ch 2: Iout (10A/div).
Figure 12: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max): dI/dt = 5A/µs). Load cap: 470µF, 30 m
W ESR tantalum
capacitor and 1µF ceramic cap. Ch 1: Vout (500mV/div), Ch 2: Iout (10A/div).
Semiconductor junction temperature
is within 1°C of surface temperature


Similar Part No. - PQ60050QTA30NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60050QGA20 SYNQOR-PQ60050QGA20 Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NKS SYNQOR-PQ60050QGA20NKS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NNS SYNQOR-PQ60050QGA20NNS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NRS SYNQOR-PQ60050QGA20NRS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NYS SYNQOR-PQ60050QGA20NYS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60050QTA30NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com