Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHDTC123EEPT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHDTC123EEPT
Description  NPN Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHDTC123EEPT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHDTC123EEPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHDTC123EEPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHDTC123EEPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHDTC123EEPT )
Typical Electrical Characteristics
Fig.3 DC current gain vs. output
current
Fig.4 Output voltage vs. output
current
Fig.1 Input voltage vs. output current
(ON characteristics)
Fig.2 Output current vs. input voltage
(OFF characteristics)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO
=0.3V
Ta
=−40°C
25
°C
100
°C
OUTPUT CURRENT : IO
(A)
0
3.0
10m
1
µ
2m
5m
1m
200
µ
500
µ
100
µ
20
µ
50
µ
10
µ
2
µ
5
µ
0.5
1.0
1.5
2.0
2.5
VCC
=5V
Ta
=100°C
25
°C
−40°C
INPUT VOLTAGE : VI(off)
(V)
VO
=5V
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
Ta
=100°C
25
°C
−40°C
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m
20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI
=20
Ta
=100°C
25
°C
−40°C
OUTPUT CURRENT : IO
(A)


Similar Part No. - CHDTC123EEPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHDTC123EKPT CHENMKO-CHDTC123EKPT Datasheet
105Kb / 3P
   NPN Digital Silicon Transistor
More results

Similar Description - CHDTC123EEPT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
   NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
Jun-14-2004
logo
Chenmko Enterprise Co. ...
CHUMG8PT CHENMKO-CHUMG8PT Datasheet
135Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TKPT CHENMKO-CHDTC144TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TMPT CHENMKO-CHDTC144TMPT Datasheet
90Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144WKPT CHENMKO-CHDTC144WKPT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
CHDTC363EKPT CHENMKO-CHDTC363EKPT Datasheet
134Kb / 3P
   NPN Digital Silicon Transistor
CHDTC614TKPT CHENMKO-CHDTC614TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com