Electronic Components Datasheet Search |
|
PQ60050HPA45NRS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters |
|
PQ60050HPA45NRS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters |
11 / 13 page output current path from converter output pins to sense point, 2) a release of a short-circuit condition, or 3) a release of a cur- rent limit condition. Load capacitance determines exactly how high the output voltage will rise in response to these conditions. After 200 ms the converter will automatically restart. Over-Temperature Shutdown: A temperature sensor on the converter senses the average temperature of the module. The thermal shutdown circuit is designed to turn the converter off when the temperature at the sensed location reaches the Over-Temperature Shutdown value. It will allow the converter to turn on again when the temperature of the sensed location falls by the amount of the Over-Temperature Shutdown Restart Hysteresis value. APPLICATION CONSIDERATIONS Input System Instability: This condition can occur because any DC/DC converter appears incrementally as a negative resistance load. A detailed application note titled “Input System Instability” is available on the SynQor web site (www.synqor.com) which provides an understanding of why this instability arises, and shows the preferred solution for cor- recting it. Application Circuits: Figure D below provides a typical cir- cuit diagram which details the input filtering and voltage trim- ming. Input Filtering and External Capacitance: Figure E below provides a diagram showing the internal input filter com- ponents. This filter dramatically reduces input terminal ripple current, which otherwise could exceed the rating of an external electrolytic input capacitor. The recommended external input capacitance is specified in the “Input Characterisitcs” section. More detailed information is available in the application note titled “EMI Characteristics” on the SynQor website. Product # PQ60050HPA45 Phone 1-888-567-9596 Doc.# 005-2HP650K Rev. C 4/16/04 Page 11 Half Half Brick Brick Technical Specification 48Vin 5.0Vout 45A Vin External Input Filter Trim Vin(+) Iload Cload C1 L C2 Vout(+) Rtrim-up or Rtrim-down Vsense(+) ON/OFF Vin(_) Vin(+) Vin(_) Vout(_) Vsense(_) Figure D: Typical application circuit (negative logic unit, permanently enabled). Figure E: Internal Input Filter Diagram (component values listed on page 3). Electrolytic Capacitor 47µF |
Similar Part No. - PQ60050HPA45NRS |
|
Similar Description - PQ60050HPA45NRS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |