Electronic Components Datasheet Search |
|
PQ60033HTA50PRF Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters |
|
PQ60033HTA50PRF Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters |
3 / 14 page Product # PQ60033HTA50 Phone 1-888-567-9596 Doc.# 005-2HT633F Rev. A 4/11/03 Page 3 Half Half Brick Brick Technical Specification 48Vin 3.3Vout 50A Parameter Min. Typ. Max. Units Notes & Conditions ABSOLUTE MAXIMUM RATINGS Input Voltage Non-Operating 100 V continuous Operating 80 V continuous Operating Transient Protection 100 V 100ms transient Isolation Voltage (input to output) 2000 V Basic insulation level, Pollution degree 2 Operating Temperature -40 100 °C Storage Temperature -55 125 °C Voltage at ON/OFF input pin -2 18 V Voltage at Clock Sync pin -15 18 V applies to Full Feature option only INPUT CHARACTERISTICS Operating Input Voltage Range 35 48 75 V Input Under-Voltage Lockout Turn-On Voltage Threshold 31.5 33.3 34.4 V Turn-Off Voltage Threshold 29.5 31.0 32.4 V Lockout Hysteresis Voltage 2.2 2.3 2.4 V Maximum Input Current 5.4 A 100% Load, 35 Vin No-Load Input Current 75 95 mA Disabled Input Current 2 5 mA Inrush Current Transient Rating 0.03 A2s Response to Input Transient 150 mV 1000V/ms input transient Input Reflected-Ripple Current 5 mA RMS thru 10µH inductor; Figs. 13 & 15 Recommended Input Fuse 20 A fast blow external fuse recommended Input Filter Component Values (C1\L\C2) 1.6\4\3.3 µF\µH\µF internal values, see Figure E Recommended External Input Capacitance 33 47 µF see Figure 13 OUTPUT CHARACTERISTICS Output Voltage Set Point 3.27 3.30 3.33 V Output Voltage Regulation Over Line +0.05 \ 2 +0.1 \ 3 %\mV Over Load +0.1 \ 3 +0.2 \ 7 %\mV Over Temperature +15 +30 mV Total Output Voltage Range 3.23 3.37 V over sample, line, load, temperature & life Output Voltage Ripple and Noise 20MHz bandwidth; Fig. 13 & 16 Peak-to-Peak 50 100 mV Full Load, see Figures 13 & 16 RMS 10 20 mV Full Load, see Figures 13 & 16 Operating Output Current Range 0 50 A Output DC Current-Limit Inception 53 58 63 A Output Voltage 10% Low; Fig. 17 Output DC Current-Limit Shutdown Voltage 1.7 V Current Share Accuracy (2 units paralleled) +2 +5 % % of rated output current Back-Drive Current Limit while Enabled 0.5 1.6 2.5 A Max negative current drawn from output Back-Drive Current Limit while Disabled 0 10 50 mA Max negative current drawn from output Maximum Output Capacitance >50,000 µF 3.3Vout at 50A Resistive Load DYNAMIC CHARACTERISTICS Input Voltage Ripple Rejection 90 dB 120 Hz; Fig. 20 Output Voltage during Load Current Transient Step Change in Output Current (0.1A/µs) 100 mV 50% to 75% to 50% Iout max; Figure 11 Step Change in Output Current (5A/µs) 100 mV 50% to 75% to 50% Iout max; Figure 12 Settling Time 300 µs to within 1% Vout nom Turn-On Transient Turn-On Time 20 30 ms Full load, Vout=90% nom.; Figs. 9 & 10 Start-Up Inhibit Time 180 200 215 ms -40°C to +125°C; Figure A Output Voltage Overshoot 0 % 10,000 µF load capacitance, Iout = 0A EFFICIENCY 100% Load 91 % Figures 1 - 4 50% Load 92 % Figures 1 - 4 TEMPERATURE LIMITS FOR POWER DERATING CURVES Semiconductor Junction Temperature 125 °C Package rated to 150°C Board Temperature 125 °C UL rated max operating temp 130°C Transformer Temperature 125 °C See Figures 5 - 8 for derating curves ISOLATION CHARACTERISTICS Isolation Voltage 2000 V Isolation Resistance 10 M Ω Isolation Capacitance 3300 pF PQ60033HTA50 ELECTRICAL CHARACTERISTICS TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient temperature with appropriate power derating. Specifications subject to change without notice. |
Similar Part No. - PQ60033HTA50PRF |
|
Similar Description - PQ60033HTA50PRF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |