Part Name
         Description
PQ60033HPA70

 Half-brick DC/DC Converter ( 13 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 2 page
background image
Product # PQ60033HPA70
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP633K Rev. A
12/20/04
Page 2
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
3.3 V
3.3 V
70 A
70 A
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
0.19
(4.8)
1.90
(48.26)
2.30
(58.4)
0.50
(12.7)
0.400
(10.16)
0.200
(5.08)
1.600
(40.64)
Load Board
Bottom side
Clearance
See Note 9
Lowest
Component
1.400
(35.56)
2.40
(61.0)
0.400
(10.16)
1.000
(25.40)
1.400
(35.56)
0.700
(17.78)
0.45
(11.3)
0.037+/-0.034
(0.94+/-0.86)
Top View
Side View
0.145
(3.68)
See Note 3
Flanged Pin
See Note 10
MECHANICAL
DIAGRAM
Pin No. Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
4
Vin(-)
Negative input voltage
5
Vout(+)
Positive output voltage
6
Vout(-)
Negative output voltage
7
SENSE(-)
Return remote sense
8
TRIM
Output voltage trim
9
SENSE(+)
Positive remote sense
10
Vout(+)
Positive output voltage
11
Vout(-)
Negative output voltage
PIN DESIGNATIONS
NOTES
1) Pins 1, 2, 4, 7-9 are 0.040” (1.02mm) diameter. with
0.080” (2.03mm) diameter standoff shoulders.
2) Pins 5-6, 10-11 are 0.080” (2.03 mm) diameter with
0.125” (3.18mm) diameter standoff shoulders.
3) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
4) All Pins: Material - Copper Alloy
Finish - Gold over Nickel plate
5) Undimensioned components are shown for visual reference
only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 2.9 oz. (83 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
9) UL/TUV standards require a clearance greater than 0.04”
(1.02mm) between input and output for Basic insulation. This issue
should be considered if any copper traces are on the top side of
the user’s board. Note that the ferrite cores are considered part of
the input/primary circuit.
10) The flanged pins are designed to permit surface mount
soldeing (avoiding the wave soldering process) through
the use of the flanged pin-in-paste technique.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ60015HPAA0Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
BQ60120HEA30Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ55530HEB08Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60025HPA80Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ55540HTL05Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60018HPA80Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48033HTA38Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60018HPAA0Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
S020-1220120-FBDC/DC Converter 12.0V input 1.2 to 5.0V adjustable output 20A or 55W 1 2 3 4 5 MoreC&D Technologies
6-PAKPROGRAMMABLE DC/DC CONVERTER Coming SoonC&D Technologies

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl