Part Name
         Description
PQ60033ETL30

 Eighth-brick DC/DC Converter ( 13 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 5 page
background image
Product # PQ60033ETL30
Phone 1-888-567-9596
Doc.# 005-2ET633F Rev. A
06/01/06
Page 5
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
3.3 V
3.3 V
30 A
30 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
0
5
10
15
20
25
30
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 5: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 100 LFM through 400 LFM with air flow-
ing from pin 3 to pin 1(nominal input voltage).
Figure 6: Thermal plot of converter at 28.5 amp load current (94.05W)
with 70°C air flowing at the rate of 200 LFM. Air is flowing across the
converter from 3 to pin 1 (nominal input voltage).
65
70
75
80
85
90
95
0
5
10
15
20
25
30
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for min-
imum, nominal, and maximum input voltage at 25°C.
87
88
89
90
91
92
93
100
200
300
400
Airflow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
0
2
4
6
8
10
12
0
3
6
9
12151821242730
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
3
4
5
6
7
100
200
300
400
Airflow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ60018ETL45Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60033EGL20Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60033EML15Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ30033EGA20Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60025EML15Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60018EGL20Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
MB39A1155 ch DC/DC Converter IC with Synchronous Rectification 1 2 3 4 5 MoreFujitsu Component Limited.
SC2612E500kHz Step-Down DC/DC Converter 1 2 3 4 5 MoreSemtech Corporation
HT77XXAPFM Step-up DC/DC Converter 1 2 3 4 5 MoreHoltek Semiconductor Inc
RT9261BVFM Step-up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl