Part Name
         Description
PQ60033EML15

 Eighth-brick DC/DC Converter ( 13 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 2 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
3.3 V
3.3 V
15 A
15 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
Product # PQ60033EML15
Phone 1-888-567-9596
Doc.# 005-2EM633E Rev. D
7/17/07
Page 2
0.300
(7.62)
0.600
(15.24)
0.90
(22.86)
0.150
(3.81)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
0.14
(3.56)
2.30
(58.42)
2.00
(50.8)
Top View
MECHANICAL
DIAGRAM
Side View
Load Board
Bottom side
Clearance
See Note 9
Lowest
Component
0.110
(2.79)
See Note 3
0.019 +0.013
(0.48 +0.33)
0.335
(8.5)
EMA Option
0.424 (10.76)
max height
See Note 9
EMA Option
0.076 (1.93)
min clearance
See Note 9
Flanged Pin
See Note 10
PIN DESIGNATIONS
NOTES
1) Pins 1-3, 5-7 are 0.040” (1.02mm) diameter. with
0.080” (2.03mm) diameter standoff shoulders.
2) Pins 4 and 8 are 0.062” (1.57 mm) diameter with
0.100” (2.54 mm) diameter standoff shoulders.
3) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
4) All Pins: Material - Copper Alloy
Finish (RoHS 5/6) - Tin/Lead over Nickel plate
Finish (RoHS 6/6) - Matte Tin over Nickel plate
5) Undimensioned components are shown for visual reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 0.68 oz. (19 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
9) Modules can be ordered as EMA option that have different
pins to provide a minimum bottom side clearance of
0.076” while increasing maximum height to 0.424”.
See ordering page for more information.
10) The flanged pins are designed to permit surface mount
soldering (allowing to avoid the wave soldering process)
through the use of the flanged pin-in-paste technique.
Pin No.
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
Vin(-)
Negative input voltage
4
Vout(-)
Negative output voltage
5
SENSE(-)
Negative remote sense1
6
TRIM
Output voltage trim2
7
SENSE(+)
Positive remote sense3
8
Vout(+)
Positive output voltage
Notes:
1. SENSE(–) should be connected to Vout(–) either remotely or at the converter.
2. Leave TRIM pin open for nominal output voltage.
3. SENSE(+) should be connected to Vout(+) either remotely or at the converter.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ60018ETL45Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60033EGL20Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ30033EGA20Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60025EML15Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60018EGL20Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
MB39A1155 ch DC/DC Converter IC with Synchronous Rectification 1 2 3 4 5 MoreFujitsu Component Limited.
SC2612E500kHz Step-Down DC/DC Converter 1 2 3 4 5 MoreSemtech Corporation
HT77XXAPFM Step-up DC/DC Converter 1 2 3 4 5 MoreHoltek Semiconductor Inc
RT9261BVFM Step-up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
2SK3843Silicon N-Channel MOS Type Switching Regulator DC/DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl