Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60033EGL20NKS Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60033EGL20NKS
Description  Eighth-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60033EGL20NKS Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60033EGL20NKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60033EGL20NKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60033EGL20NKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60033EGL20NKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60033EGL20NKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60033EGL20NKS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60033EGL20NKS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60033EGL20NKS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60033EGL20NKS Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Product # PQ60033EGL20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG633D Rev. A
1/7/08
Page 8
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
3.3 V
3.3 V
20 A
20 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
0.1
1
10
100
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
0.0001
0.001
0.01
0.1
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 19: Magnitude of incremental output impedance (Zout =
vout/iout) for minimum, nominal, and maximum input voltage at full
rated power.
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 20: Magnitude of incremental forward transmission (FT =
vout/vin) for minimum, nominal, and maximum input voltage at full
rated power.
Figure 21: Magnitude of incremental reverse transmission (RT =
iin/iout) for minimum, nominal, and maximum input voltage at full rated
power.
Figure 22: Magnitude of incremental input impedance (Zin = vin/iin)
for minimum, nominal, and maximum input voltage at full rated power.


Similar Part No. - PQ60033EGL20NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033EGw20xy SYNQOR-PQ60033EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60033EGw20xyS SYNQOR-PQ60033EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60033EGw20xyS SYNQOR-PQ60033EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60033EGw20xyS SYNQOR-PQ60033EGw20xyS Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60033EGw20xyS SYNQOR-PQ60033EGw20xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
More results

Similar Description - PQ60033EGL20NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com