Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60033EGA20PKS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ60033EGA20PKS
Description  Eighth-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60033EGA20PKS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ60033EGA20PKS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60033EGA20PKS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60033EGA20PKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60033EGA20PKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60033EGA20PKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60033EGA20PKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60033EGA20PKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60033EGA20PKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60033EGA20PKS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product # PQ60033EGL20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG633D Rev. A
1/7/08
Page 4
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
3.3 V
3.3 V
20 A
20 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
ParameterP
Min.
Typ.
Max.
Units
Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency
242
285
327
kHz
Regulation and Isolation stages
ON/OFF Control (Option P)
Off-State Voltage
-2
0.8
V
On-State Voltage
2.4
18
V
ON/OFF Control (Option N)
Off-State Voltage
2.4
18
V
On-State Voltage
-2
0.8
V
ON/OFF Control (Either Option)
Figures A & B
Pull-Up Voltage
Vin/6.5
9.2
V
Pull-Up Resistance
40
kW
Output Voltage Trim Range
-20
+10
%
Measured across Pins 8 & 4; Figure C
Output Voltage Remote Sense Range
+10
%
Measured across Pins 8 & 4
Output Over-Voltage Protection
117
122
127
%
Over full temp range; % of nominal Vout
Over-Temperature Shutdown
125
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
Load Current Scale Factor
400
See web app. note Output Load Current Calc.
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
2.5
106 Hrs. TR-NWT-000332; 80% load,300LFM, 40oC Ta
Calculated MTBF (MIL-217)
1.1
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta
Field Demonstrated MTBF
106 Hrs. See our website for details
STANDARDS COMPLIANCE
ParameterP
Notes
STANDARDS COMPLIANCE
UL/cUL 60950-1
File # E194341, Basic insulation & pollution degree 2
EN60950-1
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP (Normal Performance)
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
• An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety
certificates on new releases or download from the SynQor website.
QUALIFICATION TESTING
ParameterP
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off
Solderability
15 pins
MIL-STD-883, method 2003
• Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact the factory for official product family qualification documents.
ELECTRICAL CHARACTERISTICS (Continued)
OPTIONS
SynQor provides various options for Packaging, Enable Logic,
and Feature Set for this family of DC/DC converters. Please con-
sult the last page for information on available options.
PATENTS
SynQor is protected under various patents. Please consult the
last page for further details.


Similar Part No. - PQ60033EGA20PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033EGw20xy SYNQOR-PQ60033EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60033EGw20xyS SYNQOR-PQ60033EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60033EGw20xyS SYNQOR-PQ60033EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60033EGw20xyS SYNQOR-PQ60033EGw20xyS Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60033EGw20xyS SYNQOR-PQ60033EGw20xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
More results

Similar Description - PQ60033EGA20PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com