Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE2081 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2081 Datasheet(HTML) 4 Page - Texas Instruments

  TLE2081 Datasheet HTML 1Page - Texas Instruments TLE2081 Datasheet HTML 2Page - Texas Instruments TLE2081 Datasheet HTML 3Page - Texas Instruments TLE2081 Datasheet HTML 4Page - Texas Instruments TLE2081 Datasheet HTML 5Page - Texas Instruments TLE2081 Datasheet HTML 6Page - Texas Instruments TLE2081 Datasheet HTML 7Page - Texas Instruments TLE2081 Datasheet HTML 8Page - Texas Instruments TLE2081 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLE2081Y chip information
This chip, when properly assembled, displays characteristics similar to the TLE2081. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
PIN (4) IS INTERNALLY CONNECTED
TO BACKSIDE OF THE CHIP.
+
OUT
IN +
IN –
VCC+
(6)
(3)
(2)
(5)
(1)
(7)
(4)
OFFSET N1
OFFSET N2
VCC –
58
85
(1)
(2)
(4)
(5)
(6)
(7)
(8)
(3)


Similar Part No. - TLE2081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2081A TI1-TLE2081A Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2081ACD TI1-TLE2081ACD Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2081ACD TI1-TLE2081ACD Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2081ACDG4 TI1-TLE2081ACDG4 Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2081ACDG4 TI1-TLE2081ACDG4 Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2082ACDRG4 TI-TLE2082ACDRG4 Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2082AIDR TI1-TLE2082AIDR Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE208X TI1-TLE208X_16 Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2082 TI-TLE2082 Datasheet
992Kb / 37P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
TLE207XA TI-TLE207XA_07 Datasheet
1Mb / 83P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE207X TI-TLE207X Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE207XA TI-TLE207XA Datasheet
1Mb / 81P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE207X-Q1 TI1-TLE207X-Q1 Datasheet
731Kb / 43P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2071-Q1 TI1-TLE2071-Q1 Datasheet
692Kb / 42P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE207X TI1-TLE207X_16 Datasheet
2Mb / 89P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com