Part Name
         Description
PQ60025QPA60

 Quarter-brick DC/DC Converter ( 14 Page)


SYNQOR
100% 
Zoom Out Zoom In
 6 page
background image
Product # PQ60025QPA60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QP625F Rev. A
12/10/04
Page 6
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
2.5 V
2.5 V
60 A
60 A
Quarter-brick
Quarter-brick
0
5
10
15
20
25
30
35
40
45
50
55
60
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
0
5
10
15
20
25
30
35
40
45
50
55
60
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 9: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 50 LFM through 400 LFM with air flowing
from pin 3 to pin 1 (nominal input voltage and 4 output pins).
Figure 10: Thermal plot of converter at 55 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
from pin 3 to pin 1 (nominal input voltage and 4 output pins).
0
5
10
15
20
25
30
35
40
45
50
55
60
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 11: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 50 LFM through 400 LFM with air flowing
from output to input (nominal input voltage and 4 output pins).
Figure 12: Thermal plot of converter at 53 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing lengthwise from out-
put to input (nominal input voltage and 4 output pins).
Figure 7: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 50 LFM through 400 LFM with air flowing
from output to input (nominal input voltage and 2 output pins).
Figure 8: Thermal plot of converter at 49 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing lengthwise from out-
put to input (nominal input voltage and 2 output pins).
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ24033QGA25Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ24033QGL25Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60012QPA60Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ24050QGA20Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ65033QKA04Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60018QPA60Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ65033QMA06Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ30033QGA25Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60018QTA40Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ30033QGA30Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl