Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60025HPA80NRF Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60025HPA80NRF
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025HPA80NRF Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60025HPA80NRF Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60025HPA80NRF Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60025HPA80NRF Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60025HPA80NRF Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60025HPA80NRF Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60025HPA80NRF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025HPA80NRF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025HPA80NRF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025HPA80NRF Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product # PQ60025HPA80
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP625K Rev. C
02/07/06
Page 1
T
Technical
echnical
S
Specification
pecification
PQ60025HP
PQ60025HPA80
A80
TThhee PPQ
Q6
60
00
02
25
5H
HPPA
A8
80
0 PPoow
weerrQ
Qoorr
PPeettaa hhaallff--bbrriicckk ccoonnvveerrtteerr
iiss aa nneexxtt--ggeenneerraattiioonn,, bbooaarrdd--m
moouunnttaabbllee,, iissoollaatteedd,, ffiixxeedd ssw
wiittcchh--
iinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess ssyynncchhrroonnoouuss rreeccttii--
ffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem
meellyy hhiigghh ccoonnvveerrssiioonn eeffffiicciieennccyy.. TThhee
ppoow
weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow
w tthhaatt aa hheeaattssiinnkk
iiss nnoott rreeqquuiirreedd,, w
whhiicchh ssaavveess ccoosstt,, w
weeiigghhtt,, hheeiigghhtt,, aanndd aappppllii--
ccaattiioonn eeffffoorrtt.. A
Allll ooff tthhee ppoow
weerr aanndd ccoonnttrrooll ccoom
mppoonneennttss aarree
m
moouunntteedd ttoo tthhee m
muullttii--llaayyeerr PPC
CBB ssuubbssttrraattee w
wiitthh hhiigghh--yyiieelldd ssuurr--
ffaaccee m
moouunntt tteecchhnnoollooggyy ffoorr m
maaxxiim
muum
m rreelliiaabbiilliittyy.. TThhee PPeettaa
sseerriieess ccoonnvveerrtteerrss ooffffeerr iinndduussttrryy lleeaaddiinngg oouuttppuutt ccuurrrreenntt ffoorr aa
ssttaannddaarrdd ““hhaallff--bbrriicckk”” m
moodduullee.. RRooH
HSS 5
5/
/6
6 C
Coom
mpplliiaanntt ((sseeee
ppaaggee 1
12
2))..
PQ60025HPA80 Module
48V
48V in
in
2.5V
2.5Vout
out
80Amp
80Amp
2000Vdc
2000Vdc
Half-brick
Half-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• Ultra-high efficiency, 90% half load, >87% full load
• Delivers up to 80 amps of output current with minimal
derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient capability
• Fixed frequency switching provides predictable EMI
performance
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection>
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection
• Thermal shutdown
Pr
Protection Features
otection Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and voltage
margining
Contr
Control Features
ol Features
• 2000V, 30 M
input-to-output isolation
• UL 60950-1 recognized (US & Canada), basic insula-
tion rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives
• Meets UL94V-0 flammability requirements
Safety Features
Safety Features
• Industry standard pin-out configuration
• Industry standard size: 2.3” x 2.4” (58.4 x 61.0mm)
• Total height only 0.45” (11.3mm), permits better air-
flow and smaller card pitch
• Total weight: 2.9 oz. (83 grams)
Mechanical Features
Mechanical Features


Similar Part No. - PQ60025HPA80NRF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EGL20 SYNQOR-PQ60025EGL20 Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NKS SYNQOR-PQ60025EGL20NKS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NNS SYNQOR-PQ60025EGL20NNS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NRS SYNQOR-PQ60025EGL20NRS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NYS SYNQOR-PQ60025EGL20NYS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60025HPA80NRF

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com