Part Name
         Description
PQ60025HPA80

 Half-brick DC/DC Converter ( 13 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 3 page
background image
Product # PQ60025HPA80
Phone 1-888-567-9596
Doc.# 005-2HP625K Rev. C
02/07/06
Page 3
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
2.5 V
2.5 V
80 A
80 A
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
80
V
Continuous
Operating Transient Protection
100
V
100ms transient, square wave
Isolation Voltage (input to output)
2000
V
Basic insulation level, Pollution degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
31.5
33.3
34.4
V
Turn-Off Voltage Threshold
29.5
31.0
32.4
V
Lockout Voltage Hysteresis
2.2
2.3
2.4
V
Maximum Input Current
7.2
A
100% Load, 35 Vin
No-Load Input Current
80
100
mA
Disabled Input Current
2
5
mA
Inrush Current Transient Rating
0.04
A2s
Response to Input Transient
525
mV
1000V/ms input transient
Input Reflected Ripple Current
5
mA
RMS thru 10µH inductor; Figures 13 & 15
Input Terminal Ripple Current
230
mA
RMS; Figures 13 & 14
Recommended Input Fuse
20
A
Fast blow external fuse recommended
Input Filter Component Values (C1\L\C2)
1\3\6.4
µF\µH\µF Internal values, see Figure E
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2
Ω, see Figure 13
OUTPUT CHARACTERISTICS
Output Voltage Set Point
2.475
2.500
2.525
V
Output Voltage Regulation
Over Line
+0.05 \ 1
+0.1 \ 3
%\mV
Over Load
+0.1 \ 3
+0.2 \ 5
%\mV
Over Temperature
+15
+30
mV
Total Output Voltage Range
2.425
2.575
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise1
20MHz bandwidth; Figures 13 & 16
Peak-to-Peak
25
50
mV
Full Load; see Figures 13 & 16
RMS
10
20
mV
Full Load; see Figures 13 & 16
Operating Output Current Range
0
80
A
Subject to thermal derating; Figures 5 - 8
Output DC Current-Limit Inception
86
92
96
A
Output Voltage 10% Low; Figure 17
Output DC Current-Limit Shutdown Voltage
1.3
V
Back-Drive Current Limit while Enabled
1
2
4.5
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
0
10
50
mA
Negative current drawn from output
Maximum Output Capacitance
30,000
µF
2.5Vout at 80A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
70
dB
120 Hz; Figure 20
Output Voltage during Load Current Transient
For a Step Change in Output Current (0.1A/µs)
80
mV
50% to 75% to 50% Iout max; Figure 11
For a Step Change in Output Current (5A/µs)
250
mV
50% to 75% to 50% Iout max; Figure 12
Settling Time
100
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
16
20
24
ms
Full load, Vout=90% nom; Figures 9 & 10
Start-Up Inhibit Time
180
200
240
ms
-40°C to +125°C; Figure F
Output Voltage Overshoot
0
%
10,000 µF load capacitance, Iout = 0A
EFFICIENCY
100% Load
87.5
%
Figures 1 - 4
50% Load
90
%
Figures 1 - 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 8 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2000
V
Isolation Resistance
30
M
Isolation Capacitance2
3300
pF
PQ60025HPA80 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient
temperature with appropriate power derating. Specifications subject to change without notice.
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 2: Higher values of isolation capacitance can be added external to the module.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ60018HPA80Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48033HTA38Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60018HPAA0Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60015HPAA0Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
BQ60120HEA30Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ55530HEB08Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ55540HTL05Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
MB39A1155 ch DC/DC Converter IC with Synchronous Rectification 1 2 3 4 5 MoreFujitsu Component Limited.
SC2612E500kHz Step-Down DC/DC Converter 1 2 3 4 5 MoreSemtech Corporation
HT77XXAPFM Step-up DC/DC Converter 1 2 3 4 5 MoreHoltek Semiconductor Inc

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl