Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHDTA124TKPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHDTA124TKPT
Description  PNP Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHDTA124TKPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHDTA124TKPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHDTA124TKPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHDTA124TKPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CHDTA124TKPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
PNP Digital Silicon Transistor
VOL TA GE 50 Vo l t s
CURRENT 100 m A m p er e
APPLICATION
FEATURE
* Small surface mounting type. (SC-59/SOT-346)
* High current gain.
* Suitable for high packing density.
CONSTRUCTION
* One PNP transistors and bias of thin-film resistors in one
package.
* Switching circuit, Inverter, Interface circuit, Driver circuit.
2003-12
* Low colloector-emitter saturation.
* High saturation current capability.
* Internal isolated PNP transistors in one package.
* Built in bias resistor(R1=22k
Ω, Typ. )
CIRCUIT
LIMITING VALUES
In accordance with the Absolute Maximum Rating System .
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Coll ector -Base voltage
-50
V
-50
V
junction - soldering point
-5
IC
Coll ector current
-100
mA
PC
Collector Power dissipation
Tamb
≤ 25 OC, Note 1
200
mW
TSTG
Storage temperature
−55 ∼ +150
OC
TJ
R
θJ-S
Thermal resistance
Junction temperature
OC
140
OC/W
VCEO
Collector-Emitter voltage
VEBO
Emitter-Base voltage
−55 ∼ +150
V
, Note 1
2
1
3
E
B
C
TR
R1
SC-59/SOT-346
MARKING
TK4
(1)
(2)
(3)
Dimensions in millimeters
0.95
0.95
1.7~2.1
2.7~3.1
0.89~1.3
0.3~0.51
0.085~0.2
0~0.1
1.2~1.9
2.1~2.95
0.3~0.6
SC-59/SOT-346


Similar Part No. - CHDTA124TKPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHDTA124TEPT CHENMKO-CHDTA124TEPT Datasheet
113Kb / 3P
   PNP Digital Silicon Transistor
CHDTA124TMPT CHENMKO-CHDTA124TMPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA124TUPT CHENMKO-CHDTA124TUPT Datasheet
101Kb / 3P
   PNP Digital Silicon Transistor
More results

Similar Description - CHDTA124TKPT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR555 INFINEON-BCR555_07 Datasheet
138Kb / 6P
   PNP Silicon Digital Transistor
2007-07-24
BCR158 INFINEON-BCR158 Datasheet
480Kb / 9P
   PNP Silicon Digital Transistor
May-18-2004
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
   PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
   PNP Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com