Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60025EML15PRS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60025EML15PRS
Description  Eighth-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025EML15PRS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60025EML15PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60025EML15PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60025EML15PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60025EML15PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60025EML15PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60025EML15PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025EML15PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025EML15PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025EML15PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
2.5 V
2.5 V
15 A
15 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
Product # PQ60025EML15
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EM625E Rev. C
09/08/05
Page 2
Pin No.
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
Vin(-)
Negative input voltage
4
Vout(-)
Negative output voltage
5
SENSE(-)
Negative remote sense1
6
TRIM
Output voltage trim2
7
SENSE(+)
Positive remote sense3
8
Vout(+)
Positive output voltage
Notes:
1. SENSE(-) may be connected to Vout(-) either remotely or at the converter.
2. Leave TRIM pin open for nominal output voltage.
3. SENSE(+) may be connected to Vout(+) either remotely or at the converter.
NOTES
1) Pins 1-3, 5-7 are 0.040” (1.02mm) diameter. with
0.080” (2.03mm) diameter standoff shoulders.
2) Pins 4 and 8 are 0.062” (1.57 mm) diameter with
0.100” (2.54 mm) diameter standoff shoulders.
3) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
4) All Pins: Material - Copper Alloy
Finish - Tin/Lead over Nickel plate
5) Undimensioned components are shown for visual
reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 0.68 oz. (19 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
9) Modules can be ordered as EMA option that have different
pins to provide a minimum bottom side clearance of
0.076” while increasing maximum height to 0.424”.
See ordering page for more information.
10) The flanged pins are designed to permit surface mount
soldering (avoiding the wave soldering process) through
the use of the flanged pin-in-paste technique.
0.300
(7.62)
0.600
(15.24)
0.90
(22.86)
0.150
(3.81)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
0.14
(3.56)
2.30
(58.42)
2.00
(50.8)
Top View
PIN DESIGNATIONS
MECHANICAL
DIAGRAM
Side View
Load Board
Bottom side
Clearance
See Note 9
Lowest
Component
0.110
(2.79)
See Note 3
0.019 +0.013
(0.48 +0.33)
0.335
(8.5)
EMA Option
0.424 (10.76)
max height
See Note 9
EMA Option
0.076 (1.93)
min clearance
See Note 9
Flanged Pin
See Note 10


Similar Part No. - PQ60025EML15PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EMw15xyz SYNQOR-PQ60025EMw15xyz Datasheet
616Kb / 13P
   Active back bias limit prevents damage to converter from external load induced pre-bias
PQ60025EMW15XYZ SYNQOR-PQ60025EMW15XYZ Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60025EML15PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com