Part Name
         Description
PQ60025EML15

 Eighth-brick DC/DC Converter ( 13 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 1 page
background image
Product # PQ60025EML15
Phone 1-888-567-9596
Doc.# 005-2EM625E Rev. C
09/08/05
Page 1
T
Technical
echnical
S
Specification
pecification
PQ60025EML15
PQ60025EML15
TThhee PPQ
Q6
60
00
02
25
5EEM
MLL1
15
5 PPoow
weerrQ
Qoorr™™ M
Meeggaa eeiigghhtthh--bbrriicckk ccoonn--
vveerrtteerr iiss aa nneexxtt--ggeenneerraattiioonn,, bbooaarrdd--m
moouunnttaabbllee,, iissoollaatteedd,, ffiixxeedd
ssw
wiittcchhiinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess ssyynncchhrroo--
nnoouuss rreeccttiiffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem
meellyy hhiigghh ccoonnvveerrssiioonn eeffffii--
cciieennccyy.. TThhee ppoow
weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow
w
tthhaatt aa hheeaattssiinnkk iiss nnoott rreeqquuiirreedd,, w
whhiicchh ssaavveess ccoosstt,, w
weeiigghhtt,,
hheeiigghhtt,, aanndd aapppplliiccaattiioonn eeffffoorrtt.. A
Allll ooff tthhee ppoow
weerr aanndd ccoonnttrrooll
ccoom
mppoonneennttss aarree m
moouunntteedd ttoo tthhee m
muullttii--llaayyeerr PPC
CBB ssuubbssttrraattee
w
wiitthh hhiigghh--yyiieelldd ssuurrffaaccee m
moouunntt tteecchhnnoollooggyy.. SSiinnccee tthhee
PPoow
weerrQ
Qoorr ccoonnvveerrtteerr hhaass nnoo eexxpplliicciitt tthheerrm
maall iinntteerrffaacceess,, iitt iiss
eexxttrreem
meellyy rreelliiaabbllee.. RRooH
HSS 5
5/
/6
6 ccoom
mpplliiaanntt ((sseeee ppaaggee 1
2))..
PQ60025EML15 Module
48V
48V in
in
2.5V
2.5Vout
out
15Amp
15Amp
2000Vdc
2000Vdc
Eighth-brick
Eighth-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• High efficiency, >87% at full rated load current
• Delivers up to 15 amps of output current with minimal
derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient capability
• Fixed frequency switching provides predictable EMI
performance
• No minimum load requirement means no preload
resistors required
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from permanent damage and conse-
quent hazardous conditions
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection protects load from dam-
aging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
Pr
Protection Features
otection Features
• 2000V, 30 M
Ω input-to-output isolation provides
input/output ground separation
• UL 1950 recognized (US & Canada), basic insulation
rating
• TUV certified to EN60950
• Meets 72/23/EEC and 93/68/EEC directives which
facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flamma-
bility requirements
Safety Features
Safety Features
• Industry standard eighth-brick pin-out configuration
• Industry standard size: 0.90” x 2.3” (22.9x58.4mm)
• Total height only 0.335” (8.5mm), permits better air-
flow and smaller card pitch
• Total weight: 0.68 oz. (19 grams)
• Flanged pins designed to permit surface mount solder-
ing (avoid wave solder) using FPiP technique
Mechanical Features
Mechanical Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and volt-
age margining
Contr
Control Features
ol Features



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ60018ETL45Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ30033EGA20Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60018EGL20Eighth-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
MB39A1155 ch DC/DC Converter IC with Synchronous Rectification 1 2 3 4 5 MoreFujitsu Component Limited.
SC2612E500kHz Step-Down DC/DC Converter 1 2 3 4 5 MoreSemtech Corporation
HT77XXAPFM Step-up DC/DC Converter 1 2 3 4 5 MoreHoltek Semiconductor Inc
RT9261BVFM Step-up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
2SK3843Silicon N-Channel MOS Type Switching Regulator DC/DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK4033Chopper Regulator DC/DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
ASD15HIsolated and Regulated 15 WATT Open Frame DC/DC Converter 1 2 3 Astrodyne Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl