Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2332ID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2332ID
Description  LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2332ID Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2332ID Datasheet HTML 6Page - Texas Instruments TLV2332ID Datasheet HTML 7Page - Texas Instruments TLV2332ID Datasheet HTML 8Page - Texas Instruments TLV2332ID Datasheet HTML 9Page - Texas Instruments TLV2332ID Datasheet HTML 10Page - Texas Instruments TLV2332ID Datasheet HTML 11Page - Texas Instruments TLV2332ID Datasheet HTML 12Page - Texas Instruments TLV2332ID Datasheet HTML 13Page - Texas Instruments TLV2332ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TLV2332, TLV2332Y, TLV2334, TLV2334Y
LinCMOS
™ LOW-VOLTAGE MEDIUM-POWER
OPERATIONAL AMPLIFIERS
SLOS189 – FEBRUARY 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2332Y electrical characteristics, TA = 25°C
TLV2332Y
PARAMETER
TEST CONDITIONS
VDD = 3 V
VDD = 5 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO = 1 V,
RS = 50 Ω,
VIC = 1 V,
RL = 100 kΩ
0.6
1.1
mV
IIO
Input offset current (see Note 4)
VO = 1 V,
VIC = 1 V
0.1
0.1
pA
IIB
Input bias current (see Note 4)
VO = 1 V,
VIC = 1 V
0.6
0.6
pA
VICR
Common-mode input voltage
range (see Note 5)
– 0.3
to
2.3
– 0.3
to
4.2
V
VOH
High-level output voltage
VIC = 1 V,
IOH = – 1 mA
VID = 100 mV,
1.9
3.9
V
VOL
Low-level output voltage
VIC = 1 V,
IOL = 1 mA
VID = 100 mV,
115
95
mV
AVD
Large-signal differential voltage
amplification
VIC = 1 V,
See Note 6
RL = 100 kΩ,
83
170
V/mV
CMRR
Common-mode rejection ratio
VO = 1 V,
RS = 50 Ω
VIC = VICRmin,
92
91
dB
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VID)
VO = 1 V,
RS = 50 Ω
VIC = 1 V,
94
94
dB
IDD
Supply current
VO = 1 V,
No load
VIC = 1 V,
160
210
µA
NOTES:
4.
The typical values of input bias current and input offset current below 5 pA are determined mathematically.
5.
This range also applies to each input individually.
6.
At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 3 V, VO = 0.5 V to 1.5 V.


Similar Part No. - TLV2332ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2332ID TI1-TLV2332ID Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332IDR TI1-TLV2332IDR Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332IDRG4 TI1-TLV2332IDRG4 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2332ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com