Part Name
         Description
CH837UPNPT

 PNP&NPN Muti-Chip General Purpose Transistor ( 5 Page)


CHENMKO
100% 
Zoom Out Zoom In
   
 5 page
background image
RATING CHARACTERISTIC CURVES ( CH837UPNPT )
Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
β = 10
25
°C
- 40
°C
125
°C
Base-Emitter ON Voltage vs
Collector Current
1
10
100
400
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
V
= 5.0 V
CE
25°C
- 40 °C
125°C
Input and Output Capacitance
vs Reverse Voltage
0.1
1
10
100
10
1
100
V
- COLLECTOR VOLTAGE (V)
Cib
Co b
f = 1.0 MHz
CE
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIE NT TEMP ERATURE ( C)
A
°
V
= 50V
CB



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC856ASMD General Purpose Transistor PNP 1 2 3 TAITRON Components Incorporated
KC856SPNP General Purpose Double Transistor 1 Guangdong Kexin Industrial Co.,Ltd
2PD601AWNPN General Purpose Transistor 1 2 Guangdong Kexin Industrial Co.,Ltd
2SC2412MPTGeneral Purpose Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
MMBF5457LT1JFET - General Purpose Transistor N-Channel 1 2 3 4 5 MoreON Semiconductor
PUMT1PNP GENERAL PURPOSE DUAL TRANSISTOR 1 2 Unisonic Technologies
KTC9012SEPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE SWITCHING APPLICATION 1 KEC(Korea Electronics)
BC847ATNPN general purpose Transistor 1 2 3 Galaxy Semi-Conductor Holdings Limited
MMBT5401PNP General Purpose Transistor 1 2 3 Galaxy Semi-Conductor Holdings Limited
2SA2199General Purpose Transistor 1 2 3 4 Rohm

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl