Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH731UPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CH731UPT
Description  SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CH731UPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CH731UPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CH731UPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( CH731UPT )
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
pulse measurement
1u
10u
100u
1000m
Typ.
1n
10n
100n
1u
10u
100u
1
2
5
10
20
50
100
0
0
20
40
60
80
100
25
50
75
100
125
FORWARD VOLTAGE, (V)
FIG. 1 - FORWARD CHARACTERISITICS
Ta =125
oC
75
oC
25
oC
-25
oC
REVERSE VOLTAGE, (V)
FIG. 2 - REVERSE CHARACTERISTICS
0
5
10
15
20
25
30
35
Ta =125
oC
75
oC
25
oC
-25
oC
REVERSE VOLTAGE, (V)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
0
2
4
6
8
10
12
14
AMBIENT TEMPERATURE, (
oC)
FIG. 4 - TYPICAL FORWARD CURRENT
DERATING CURVE


Similar Part No. - CH731UPT

ManufacturerPart #DatasheetDescription
logo
Chrontel, Inc.
CH7317B CHRONTEL-CH7317B Datasheet
224Kb / 21P
   CH7317B SDVO◊ / RGB DAC
Rev. 1.9, 6/12/018
CH7317B-BF CHRONTEL-CH7317B-BF Datasheet
224Kb / 21P
   CH7317B SDVO◊ / RGB DAC
Rev. 1.9, 6/12/018
CH7317B-BF-TR CHRONTEL-CH7317B-BF-TR Datasheet
224Kb / 21P
   CH7317B SDVO◊ / RGB DAC
Rev. 1.9, 6/12/018
CH7317B-TF CHRONTEL-CH7317B-TF Datasheet
224Kb / 21P
   CH7317B SDVO◊ / RGB DAC
Rev. 1.9, 6/12/018
CH7317B-TF-TR CHRONTEL-CH7317B-TF-TR Datasheet
224Kb / 21P
   CH7317B SDVO◊ / RGB DAC
Rev. 1.9, 6/12/018
More results

Similar Description - CH731UPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH751H-40PT CHENMKO-CH751H-40PT Datasheet
69Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH705DPT CHENMKO-CH705DPT Datasheet
493Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715MCPT CHENMKO-CH715MCPT Datasheet
81Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715TPT CHENMKO-CH715TPT Datasheet
217Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH741UPT CHENMKO-CH741UPT Datasheet
145Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715TSPT CHENMKO-CH715TSPT Datasheet
216Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715FPT CHENMKO-CH715FPT Datasheet
259Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715TAPT CHENMKO-CH715TAPT Datasheet
219Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715WPT CHENMKO-CH715WPT Datasheet
278Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH717FPT CHENMKO-CH717FPT Datasheet
259Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com