Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60018QPA60NKS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60018QPA60NKS
Description  Quarter-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018QPA60NKS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60018QPA60NKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018QPA60NKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018QPA60NKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018QPA60NKS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018QPA60NKS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60018QPA60NKS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60018QPA60NKS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60018QPA60NKS Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60018QPA60NKS Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
35 - 75 V
1.8 V
60 A
Quarter-brick
Product # PQ60018QPA60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QP618F Rev. B
09/24/08
Page 11
Technical Specification
Input:
Output:
Current:
Package:
35 - 75 V
1.8 V
60 A
Quarter-brick
OUTPUT VOLTAGE TRIM (Pin 7):TheTRIMinputpermitsthe
user to adjust the output voltage across the sense leads up or
downaccordingtothetrimrangespecifications.
Todecreasetheoutputvoltage,theusershouldconnectaresistor
betweenPin7andPin6(SENSE(-)input).Foradesireddecrease
ofthenominaloutputvoltage,thevalueoftheresistorshouldbe
Rtrim-down=
(511)-10.22(kW)
D
%
where
D% = Vnominal–Vdesired
x100%
Vnominal
Toincreasetheoutputvoltage,theusershouldconnectaresistor
betweenPin7andPin8(SENSE(+)input).Foradesiredincrease
ofthenominaloutputvoltage,thevalueoftheresistorshouldbe
Rtrim-up
(kW)
)
where
VOUT=NominalOutputVoltage
=
(
_511 _10.22
5.11VOUT(100+D%)
1.225D%
D%
FigureCgraphstherelationshipbetweenthetrimresistorvalue
andRtrim-upandRtrim-down,showingthetotalrangetheoutput
voltagecanbetrimmedupordown.
Figure C: Trim Graph for 1.8Vout module
Note:theTRIMfeaturedoesnotaffectthevoltageatwhichthe
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection
circuittoengage,particularlyduringtransients.
ItisnotnecessaryfortheusertoaddcapacitanceattheTrimpin.
Thenodeisinternallybypassedtoeliminatenoise.
Total DC Variation of Vout:Fortheconvertertomeetitsfull
specifications, the maximum variation of the DC value of Vout,
duetobothtrimmingandremoteloadvoltagedrops,shouldnot
begreaterthanthatspecifiedfortheoutputvoltagetrimrange.
PROTECTIONFEATURES
Input Under-Voltage Lockout:Theconverterisdesignedto
turnoffwhentheinputvoltageistoolow,helpingavoidaninput
systeminstabilityproblem,describedinmoredetailintheapplica-
tionnotetitled“InputSystemInstability”.Thelockoutcircuitryisa
comparatorwithDChysteresis.Whentheinputvoltageisrising,it
mustexceedthetypicalTurn-OnVoltageThresholdvalue(listedon
thespecificationpage)beforetheconverterwillturnon.Oncethe
converterison,theinputvoltagemustfallbelowthetypicalTurn-
OffVoltageThresholdvaluebeforetheconverterwillturnoff.
Output Current Limit: The maximum current limit remains
constantastheoutputvoltagedrops.However,oncetheimped-
anceoftheshortacrosstheoutputissmallenoughtomakethe
outputvoltagedropbelowthespecifiedOutputDCCurrent-Limit
ShutdownVoltage,theconverterturnsoff.
The converter then enters a “hiccup mode” where it repeatedly
turnsonandoffata5Hz(nominal)frequencywitha5%duty
cycle until the short circuit condition is removed. This prevents
excessiveheatingoftheconverterortheloadboard.
Output Over-Voltage Limit:Ifthevoltageacrosstheoutput
pins exceeds the Output Over-Voltage Protection threshold, the
converterwillimmediatelystopswitching.Thispreventsdamage
totheloadcircuitdueto1)excessiveseriesresistanceinoutput
currentpathfromconverteroutputpinstosensepoint,2)arelease
ofashort-circuitcondition,or3)areleaseofacurrentlimitcondi-
tion. Load capacitance determines exactly how high the output
voltagewillriseinresponsetotheseconditions.After200msthe
converterwillautomaticallyrestart.
Over-Temperature Shutdown:Atemperaturesensoronthe
convertersensestheaveragetemperatureofthemodule.Thether-
malshutdowncircuitisdesignedtoturntheconverteroffwhenthe
temperatureatthesensedlocationreachestheOver-Temperature
Shutdownvalue.Itwillallowtheconvertertoturnonagainwhen
thetemperatureofthesensedlocationfallsbytheamountofthe
Over-TemperatureShutdownRestartHysteresisvalue.
10
100
1,000
10,000
0
2
4
6
8
10
12
14
16
18
20
% increase Vout
% decrease Vout


Similar Part No. - PQ60018QPA60NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NKF SYNQOR-PQ60018QGA25NKF Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NKS SYNQOR-PQ60018QGA25NKS Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NNF SYNQOR-PQ60018QGA25NNF Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NNS SYNQOR-PQ60018QGA25NNS Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60018QPA60NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com