Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60018HPA80PRF Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60018HPA80PRF
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018HPA80PRF Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60018HPA80PRF Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60018HPA80PRF Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018HPA80PRF Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018HPA80PRF Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018HPA80PRF Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018HPA80PRF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018HPA80PRF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018HPA80PRF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018HPA80PRF Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Product # PQ60018HPA80
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP618K Rev. E
03/06/06
Page 2
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.8 V
1.8 V
80 A
80 A
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
0.19
(4.8)
1.90
(48.3)
2.30
(58.4)
0.50
(12.7)
0.400
(10.16)
0.200
(5.08)
0.200
(5.08)
0.200 (5.08)
0.200 (5.08)
Load Board
Bottom side
Clearance
See Note 10
Lowest
Component
1.400
(35.56)
1.000
(25.40)
2.40
(61.0)
0.400
(10.16)
1.000
(25.40)
1.400
(35.56)
0.700
(17.78)
0.43
(10.8)
0.047+/-0.005
(1.19+/-0.12)
Top View
Side View
Pin No. Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
I share
Single wire parallel signal
4
Vin(-)
Negative input voltage
5
Vout(+)
Positive output voltage
6
Vout(-)
Negative output voltage
7
SENSE(-)
Return remote sense
8
TRIM
Output voltage trim
9
SENSE(+)
Positive remote sense
10
Vout(+)
Positive output voltage
11
Vout(-)
Negative output voltage
A
Clock Sync
Clock synchronization
B
Start Sync
Startup synchronization
Pins in Italics Shaded text are Optional
0.145
(3.68)
See Note 4
NOTES
1) Pins 1-4, 7-9, A-B are 0.040” (1.02mm) diameter. with
0.080” (2.03mm) diameter standoff shoulders.
2) Pins 5-6, 10-11 are 0.080” (2.03 mm) diameter with
0.125” (3.18mm) diameter standoff shoulders.
3) Pins 3, A, & B only included in Full-Feature models.
4) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
5) All Pins: Material - Copper Alloy
Finish (5/6 RoHS) - Tin/Lead over Nickel plate
Finish (6/6 RoHS) - Tin over Nickel plate
6) Undimensioned components are shown for visual reference
only.
7) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
8) Weight: 2.9 oz. (83 g) typical
9) Workmanship: Meets or exceeds IPC-A-610C Class II
10) UL/TUV standards require a clearance greater than 0.04”
(1.02mm) between input and output for Basic insulation. This
issue should be considered if any copper traces are on the top
side of the user’s board. Note that the ferrite cores are consid-
ered part of the input/primary circuit.
MECHANICAL
DIAGRAM
PIN DESIGNATIONS


Similar Part No. - PQ60018HPA80PRF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018HPAA0 SYNQOR-PQ60018HPAA0 Datasheet
624Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPAA0NKF SYNQOR-PQ60018HPAA0NKF Datasheet
624Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPAA0NKS SYNQOR-PQ60018HPAA0NKS Datasheet
624Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPAA0NNF SYNQOR-PQ60018HPAA0NNF Datasheet
624Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPAA0NNS SYNQOR-PQ60018HPAA0NNS Datasheet
624Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60018HPA80PRF

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com