Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60018EKL25NRS-G Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60018EKL25NRS-G
Description  Eighth-brick DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018EKL25NRS-G Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60018EKL25NRS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018EKL25NRS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018EKL25NRS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018EKL25NRS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60018EKL25NRS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60018EKL25NRS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60018EKL25NRS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60018EKL25NRS-G Datasheet HTML 14Page - SynQor Worldwide Headquarters PQ60018EKL25NRS-G Datasheet HTML 15Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Product # PQ60018EKx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005113 Rev. B
06/12/09
Page 11
Input:
Output:
Current:
Part No.:
35-75V
1.8V
25A
PQ60018EKx25
Technical Specification
Application Section
BASIC OPERATION AND FEATURES
The single stage power converter switches at a fixed
frequency for predictable EMI performance. Rectification of
the transformer’s output is accomplished with synchronous
rectifiers. These devices, which are MOSFETs with a very low
on-state resistance, dissipate far less energy than Schottky
diodes. This is the primary reason that the PowerQor
converter has such high efficiency, even at very low output
voltages and very high output currents.
Dissipation throughout the converter is so low that it does
not require a heatsink for operation. Since a heatsink is not
required, the PowerQor converter does not need a metal
baseplate or potting material to help conduct the dissipated
energy to the heatsink. The PowerQor converter can thus be
built more simply and reliably using high yield surface mount
techniques on a PCB substrate.
The PowerQor series of eighth-brick, quarter-brick and half-
brick converters uses the industry standard footprint and
pin-out configuration.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input is
referenced to the return terminal of the input bus, Vin(-). There
are two versions of the converter that differ by the sense of the
logic used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high turns the converter on). In the negative
logic version, the ON/OFF signal is active low (meaning that a
low turns the converter on). Figure A details five possible circuits
for driving the ON/OFF pin. Figure B is a detailed look of the
internal ON/OFF circuitry.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs
correct for voltage drops along the conductors that connect the
converter’s output pins to the load.
Pin 7 should be connected to Vout(+) and Pin 5 should be
connected to Vout(-) at the point on the board where regulation
is desired. A remote connection at the load can adjust for a
voltage drop only as large as that specified in this datasheet,
that is
[Vout(+) - Vout(-)] [Vsense(+) - Vsense(-)] <
Sense Range % x Vout
Pins 7 and 5 must be connected for proper regulation of
the output voltage. If these connections are not made, the
converter will deliver an output voltage that is slightly higher
than its specified value.
Note: the output over-voltage protection circuit senses the
voltage across the output (pins 8 and 4) to determine when
it should trigger, not the voltage across the converter’s sense
leads (pins 7 and 5). Therefore, the resistive drop on the board
should be small enough so that output OVP does not trigger,
even during load transients.
Open Collector Enable Circuit
Figure A:
Various circuits for driving the ON/OFF pin.
Figure B:
Internal ON/OFF pin circuitry
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
TTL
5V
50k
10k
ON/OFF
Vin(_)
100pF


Similar Part No. - PQ60018EKL25NRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGA20NKS SYNQOR-PQ60018EGA20NKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NNS SYNQOR-PQ60018EGA20NNS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NRS SYNQOR-PQ60018EGA20NRS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NYS SYNQOR-PQ60018EGA20NYS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20PKS SYNQOR-PQ60018EGA20PKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60018EKL25NRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com