Electronic Components Datasheet Search |
|
PQ60018EKL25PRS-G Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters |
|
PQ60018EKL25PRS-G Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters |
2 / 15 page Product # PQ60018EKx25 Phone 1-888-567-9596 www.synqor.com Doc.# 005-0005113 Rev. B 06/12/09 Page 2 Input: Output: Current: Part No.: 35-75V 1.8V 25A PQ60018EKx25 Technical Specification NOTES 1) Pins 1-3, 5-7 are 0.040” (1.02mm) diameter, with 0.080” (2.03mm) diameter standoff shoulders. 2) Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100" (2.54 mm) diameter standoff shoulders. 3) Other pin extension lengths available. Recommended pin length is 0.03” (0.76mm) greater than the PCB thickness. 4) All Pins: Material - Copper Alloy- Finish (RoHS 6/6) - Matte Tin over Nickel plate 5) Undimensioned components are shown for visual reference only. 6) All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm) x.xxx +/-0.010 in. (x.xx +/-0.25mm) 7) Weight: 0.85 oz (24 g) typical 8) Workmanship: Meets or exceeds IPC-A-610C Class II 9) The flanged pins are designed to permit surface mount soldering (allowing to avoid the wave soldering process) through the use of the flanged pin-in-paste technique. 10) UL/TUV standards require a clearance greater than 0.04” (1.02mm) between input and output for Basic insulation. This issue should be considered if any copper traces are on the top side of the user’s board. Note that the ferrite core shown at left above is considered part of the input/primary circuit. PIN DESIGNATIONS Pin Name Function 1 Vin(+) Positive input voltage 2 ON/OFF TTL input to turn converter on and off, referenced to Vin(–), with internal pull up. 3 Vin(–) Negative input voltage 4 Vout(–) Negative output voltage 5 SENSE(–) Negative remote sense1 6 TRIM Output voltage trim2 7 SENSE(+) Positive remote sense3 8 Vout(+) Positive output voltage Notes: 1) SENSE(–) should be connected to Vout(–) either remotely or at the converter. 2) Leave TRIM pin open for nominal output voltage. 3) SENSE(+) should be connected to Vout(+) either remotely or at the converter. .900 (22.86) 0.600 (15.24) 0.450 (11.43) 0.150 (3.81) 0.300 (7.62) 1 2 3 6 7 8 5 4 2.30 (58.4) 2.00 (50.8) .14 (3.6) 0.300 (7.62) 0.600 (15.24) Top View 0.121±.017 (3.07±0.43) 0.410 ± 0.014 (10.41 ± 0.35) Overall Height 0.340 ± 0.014 (8.64 ± 0.35) Overall Height 0.145 (3.68) 0.145 (3.68) 0.150 (3.8) Side View Bottom Side Clearance 0.051±.017 (1.3±0.43) 0.145 (3.68) Bottom Side Clearance EKA Side View EKL Side View MECHANICAL DRAWING - OPEN FRAME - EKA & EKL (LOW PROFILE) |
Similar Part No. - PQ60018EKL25PRS-G |
|
Similar Description - PQ60018EKL25PRS-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |