Electronic Components Datasheet Search |
|
PQ60015QPA60PN9 Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters |
|
PQ60015QPA60PN9 Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters |
3 / 14 page Product # PQ60015QPA60 Phone 1-888-567-9596 www.synqor.com Doc.# 005-2QP651F Rev. B 01/23/08 Page 3 T Technical S echnical Specification pecification Input: Input: Output: Output: Current: Current: PPackage: ackage: 35-75 V 35-75 V 1.5 V 1.5 V 60 A 60 A Quarter-brick Quarter-brick Parameter Min. Typ. Max. Units Notes & Conditions ABSOLUTE MAXIMUM RATINGS Input Voltage Non-Operating 100 V Continuous Operating 80 V Continuous Operating Transient Protection 100 V 100ms transient; square wave Isolation Voltage (input to output) 2000 V Basic insulation; Pollution Degree 2 Operating Temperature -40 100 °C Storage Temperature -55 125 °C Voltage at ON/OFF input pin -2 18 V INPUT CHARACTERISTICS Operating Input Voltage Range 35 48 75 V Input Under-Voltage Lockout Turn-On Voltage Threshold 32 33 34 V Turn-Off Voltage Threshold 28.5 29.5 30.5 V Lockout Voltage Hysteresis 2.5 3.5 4.5 V Maximum Input Current 3.2 A 100% Load, 35 Vin No-Load Input Current 45 65 mA Disabled Input Current 1.6 3 mA Inrush Current Transient Rating 0.01 A2s Response to Input Transient 150 mV 1000V/ms input transient Input Reflected Ripple Current 25 mA P-P thru 10µH inductor; Figures 17 & 19 Input Terminal Ripple Current 215 mA RMS; Figures 17 & 18 Recommended Input Fuse 20 A Fast blow external fuse recommended Input Filter Component Values (L\C) 2.0\6.6 µH\µF Internal values, see Figure E Recommended External Input Capacitance 47 µF Typical ESR 0.1-0.2W, see Figure 17 OUTPUT CHARACTERISTICS Output Voltage Set Point 1.485 1.500 1.515 V Output Voltage Regulation Over Line +0.1 \ 2 +0.3 \ 5 %\mV Over Load +0.1 \ 2 +0.3 \ 5 %\mV Over Temperature +6 +20 mV Total Output Voltage Range 1.455 1.545 V Over sample, line, load, temperature & life Output Voltage Ripple and Noise1 500MHz bandwidth; Figures 17 & 20 Peak-to-Peak 50 100 mV Full Load, see Figures 17 & 20 RMS 10 30 mV Full Load, see Figures 17 & 20 Operating Output Current Range 0 60 A Subject to thermal derating; Figures 5 - 12 Output DC Current-Limit Inception 66 69 72 A Output Voltage 10% Low Output DC Current-Limit Shutdown Voltage 0.9 V Back-Drive Current Limit while Enabled 0.5 1.1 2.5 A Negative current drawn from output Back-Drive Current Limit while Disabled 0 10 50 mA Negative current drawn from output Maximum Output Capacitance 30,000 µF 1.5Vout at 60A Resistive Load DYNAMIC CHARACTERISTICS Input Voltage Ripple Rejection 82 dB 120 Hz; Figure 26 Output Voltage during Load Current Transient For a Step Change in Output Current (0.1A/µs) 80 mV 50% to 75% to 50% Iout max; Figure 15 For a Step Change in Output Current (1A/µs) 190 mV 50% to 75% to 50% Iout max; Figure 16 Settling Time 400 µs To within 1% Vout nom Turn-On Transient Turn-On Time 4 8 ms Full load, Vout=90% nom.; Figures 13 & 14 Start-Up Inhibit Time 180 200 240 ms -40°C to +125°C; Figure F Output Voltage Overshoot 0 % 30,000 µF load capacitance, Iout = 0A EFFICIENCY 100% Load 85 % Figures 1 - 4 50% Load 89 % Figures 1 - 4 TEMPERATURE LIMITS FOR POWER DERATING CURVES Semiconductor Junction Temperature 125 °C Package rated to 150°C Board Temperature 125 °C UL rated max operating temp 130°C Transformer Temperature 125 °C See Figures 5 - 12 for derating curves ISOLATION CHARACTERISTICS Isolation Voltage (dielectric strength) 2000 V Isolation Resistance 30 MW Isolation Capacitance2 470 pF PQ60015QPA60 ELECTRICAL CHARACTERISTICS TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient temperature with appropriate power derating. Specifications subject to change without notice. Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com) Note 2: Higher values of isolation capacitance can be added external to the module. |
Similar Part No. - PQ60015QPA60PN9 |
|
Similar Description - PQ60015QPA60PN9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |