Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60018EGA20NKS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60018EGA20NKS
Description  Eighth-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018EGA20NKS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60018EGA20NKS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60018EGA20NKS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018EGA20NKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018EGA20NKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018EGA20NKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018EGA20NKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018EGA20NKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018EGA20NKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018EGA20NKS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Product # PQ60018EGL20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG618G Rev. B
1/22/08
Page 5
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.8 V
1.8 V
20 A
20 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
60
65
70
75
80
85
90
95
0
2
4
6
8
10
12
14
16
18
20
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for min-
imum, nominal, and maximum input voltage at 25°C.
80
81
82
83
84
85
86
87
88
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
0
1
2
3
4
5
6
7
0
2
4
6
8
10
12
14
16
18
20
Load Current (A)
35 Vin
48 Vin
75 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
0.0
1.0
2.0
3.0
4.0
5.0
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
0
2
4
6
8
10
12
14
16
18
20
025
40
55
70
85
Ambient Air Temperature (
oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
50 LFM (0.25 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 50 LFM through 400 LFM with air flowing
across the converter from pin 3 to pin 1 (nominal input voltage).
Figure 6: Thermal plot of converter at 20 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
sideways from pin 3 to pin 1 (nominal input voltage).
Semiconductor junction temperature
is within 1°C of surface temperature


Similar Part No. - PQ60018EGA20NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGw20xy SYNQOR-PQ60018EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60018EGw20xyS SYNQOR-PQ60018EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60018EGw20xyS SYNQOR-PQ60018EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60018EGw20xyS SYNQOR-PQ60018EGw20xyS Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60018EGw20xyS SYNQOR-PQ60018EGw20xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
More results

Similar Description - PQ60018EGA20NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com