Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60018EGL20 Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60018EGL20
Description  Eighth-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018EGL20 Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60018EGL20 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60018EGL20 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018EGL20 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018EGL20 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018EGL20 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018EGL20 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018EGL20 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018EGL20 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018EGL20 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # PQ60018EGL20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG618G Rev. B
1/22/08
Page 2
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
1.8 V
1.8 V
20 A
20 A
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
MECHANICAL
DIAGRAM
Pin No.
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
Vin(–)
Negative input voltage
4
Vout(–)
Negative output voltage
5
SENSE(–)
Negative remote sense1
6
TRIM
Output voltage trim2
7
SENSE(+)
Positive remote sense3
8
Vout(+)
Positive output voltage
Notes:
1. SENSE(–) should be connected to Vout(–) either remotely or at the converter.
2. Leave TRIM pin open for nominal output voltage.
3. SENSE(+) should be connected to Vout(+) either remotely or at the converter.
NOTES
1) Pins 1-3, 5-7 are 0.040” (1.02mm) diameter. with 0.080”
(2.03mm) diameter standoff shoulders.
2) Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100”
(2.54 mm) diameter standoff shoulders.
3) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
4) All Pins: Material - Copper Alloy
Finish - Tin/Lead over Nickel plate
5) Undimensioned components are shown for visual reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 0.68 oz. (19 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
9) Modules ordered as an EGA option have different pins to pro-
vide a minimum bottom side clearance of 0.076” while increas-
ing maximum height to 0.424”. See ordering page for more
information.
10) The flanged pins are designed to permit surface mount
soldering (allowing to avoid the wave soldering process)
through the use of the flanged pin-in-paste technique.
0.300
(7.62)
0.600
(15.24)
0.90
(22.9)
0.15
(3.8)
0.150
(3.81)
0.450
(11.43)
0.14
(3.6)
2.30
(58.4)
2.00
(50.8)
Top View
1
8
7
6
5
4
2
3
PIN DESIGNATIONS
Flanged Pin
See Note 10
Side View
Load Board
Bottom side
Clearance
See Note 9
Lowest
Component
0.110
(2.79)
See Note 3
0.019 +0.013
(0.48 +0.33)
Overall height
0.349 +0.015
(8.86 +0.38)
EGA Option
0.424 (10.76)
max height
See Note 9
EGA Option
0.076 (1.93)
min clearance
See Note 9


Similar Part No. - PQ60018EGL20

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGw20xy SYNQOR-PQ60018EGw20xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60018EGw20xyS SYNQOR-PQ60018EGw20xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60018EGw20xyS SYNQOR-PQ60018EGw20xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60018EGw20xyS SYNQOR-PQ60018EGw20xyS Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60018EGw20xyS SYNQOR-PQ60018EGw20xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
More results

Similar Description - PQ60018EGL20

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com