Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2211Y Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV2211Y
Description  Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2211Y Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2211Y Datasheet HTML 4Page - Texas Instruments TLV2211Y Datasheet HTML 5Page - Texas Instruments TLV2211Y Datasheet HTML 6Page - Texas Instruments TLV2211Y Datasheet HTML 7Page - Texas Instruments TLV2211Y Datasheet HTML 8Page - Texas Instruments TLV2211Y Datasheet HTML 9Page - Texas Instruments TLV2211Y Datasheet HTML 10Page - Texas Instruments TLV2211Y Datasheet HTML 11Page - Texas Instruments TLV2211Y Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TLV2211, TLV2211Y
Advanced LinCMOS
™ RAIL-TO-RAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS156B – MAY 1996 – REVISED JANUARY 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2211C
TLV2211I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
2V
V0
0.45
3
0.45
3
mV
αVIO
Temperature
coefficient of input
V
2V
V0
Full range
05
05
µV/°C
αVIO
coefficient of in ut
offset voltage
V
2V
V0
0.5
0.5
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD
± = ±2.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.003
0.003
µV/mo
IIO
Input offset current
25
°C
0.5
0.5
pA
IIO
Input offset current
Full range
150
150
pA
IIB
Input bias current
25
°C
1
1
pA
IIB
Input bias current
Full range
150
150
pA
0
– 0.3
0
– 0.3
25
°C
to
to
to
to
VICR
Common-mode input
|VIO | ≤5mV
RS =50 Ω
4
4.2
4
4.2
V
VICR
voltage range
|VIO | ≤5 mV
RS = 50 Ω
0
0
V
Full range
to
to
g
3.5
3.5
High level output
IOH = – 100 µA
25
°C
4.95
4.95
VOH
High-level output
voltage
IOH = 250 µA
25
°C
4.875
4.875
V
voltage
IOH = – 250 µA
Full range
4.5
4.5
Low level output
VIC = 2.5 V,
IOL = 50 µA
25
°C
12
12
VOL
Low-level output
voltage
VIC =2 5V
IOL = 500 µA
25
°C
120
120
mV
voltage
VIC = 2.5 V,
IOL = 500 µA
Full range
500
500
Large-signal
V2 5 V
RL 10 kه
25
°C
6
12
6
12
AVD
Large signal
differential
VIC = 2.5 V,
VO =1Vto4V
RL = 10 kه
Full range
3
3
V/mV
voltage amplification
VO = 1 V to 4 V
RL = 1 Mه
25
°C
800
800
ri(d)
Differential input
resistance
25
°C
1012
1012
ri(c)
Common-mode
input resistance
25
°C
1012
1012
ci(c)
Common-mode
input capacitance
f = 10 kHz,
25
°C
5
5
pF
zo
Closed-loop
output impedance
f = 7 kHz,
AV = 1
25
°C
200
200
CMRR
Common-mode
VIC = 0 to 2.7 V,
VO = 2.5 V,
25
°C
70
83
70
83
dB
CMRR
rejection ratio
IC
RS = 50 Ω
O
Full range
70
70
dB
kSVR
Supply voltage
rejection ratio
VDD = 4.4 V to 8 V,
VIC = VDD /2,
25
°C
80
95
80
95
dB
kSVR
rejection ratio
(
∆VDD /∆VIO)
DD
No load
IC
DD
Full range
80
80
dB
IDD
Supply current
VO =2 5V
No load
25
°C
13
25
13
25
µA
IDD
Supply current
VO = 2.5 V,
No load
Full range
30
30
µA
† Full range for the TLV2211C is 0
°C to 70°C. Full range for the TLV2211I is – 40°C to 85°C.
‡ Referenced to 1.5 V
NOTE 5: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLV2211Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2211Y TI1-TLV2211Y Datasheet
680Kb / 31P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2211Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2711 TI-TLV2711 Datasheet
551Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X Datasheet
817Kb / 51P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274ACPW TI-TLC2274ACPW Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI1-TLV226X_15 Datasheet
2Mb / 64P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2872Z TI1-TLC2872Z Datasheet
260Kb / 17P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
TLC2872 TI1-TLC2872 Datasheet
260Kb / 17P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIERS
TLV2231 TI-TLV2231 Datasheet
585Kb / 27P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731 TI-TLV2731 Datasheet
631Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2211 TI1-TLV2211_15 Datasheet
680Kb / 31P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com