Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60015QML15 Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60015QML15
Description  15 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015QML15 Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60015QML15 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015QML15 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015QML15 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015QML15 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015QML15 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015QML15 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015QML15 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015QML15 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015QML15 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # PQ60015QML15
Phone 1-888-567-9596
Doc.# 005-2QM651E Rev. A
8/16/02
Page 2
Technical Specification
48Vin 1.5Vout 15A
Quarter
Quarter
Brick
Brick
0.32 (0.33 max)
(8.1, 8.5 max)
0.300
(7.62)
Pin No.
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
Vin(-)
Negative input voltage
4
Vout(-)
Negative output voltage
5
SENSE(-)
Negative remote sense1
6
TRIM
Output voltage trim2
7
SENSE(+)
Positive remote sense3
8
Vout(+)
Positive output voltage
Notes:
1. Pin 5 must be connected to Vout(-).
2. Leave Pin 6 open for nominal output voltage.
3. Pin 7 must be connected to Vout(+).
NOTES
1) Pins 1-3, 5-7 are 0.040” (1.02mm) diameter with
0.080” (2.03 mm) diameter standoff shoulders.
2) Pins 4 and 8 are 0.062” (1.57 mm) diameter with
0.100” (2.54 mm) diameter standoff shoulders.
3) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
4) All Pins: Material - Copper Alloy
Finish - Tin/Lead over Nickel plate
5) Undimensioned components are shown for visual
reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 1.2 oz. (34 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
9) UL/TUV standards require a clearance greater than 0.04”
(1.02mm) between input and output for Basic insulation. This
issue should be considered if any copper traces are on the top
side of the user’s board. Note that the ferrite cores are consid-
ered part of the input/primary circuit.
0.600
(15.24)
0.43
(10.8)
0.14
(3.6)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
1.45
(36.8)
2.30
(58.4)
2.00
(50.8)
Top View
Side View
PIN CONNECTIONS
MECHANICAL
DIAGRAM
Load Board
Bottom side
Clearance
See Note 9
Pin Farside
Typical
Lowest
Component
0.019+/-0.013
(0.48+/-0.33)
0.145
(3.68)
See Note 3


Similar Part No. - PQ60015QML15

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QPA60 SYNQOR-PQ60015QPA60 Datasheet
582Kb / 14P
   Quarter-brick DC/DC Converter
PQ60015QPA60NK2 SYNQOR-PQ60015QPA60NK2 Datasheet
582Kb / 14P
   Quarter-brick DC/DC Converter
PQ60015QPA60NK9 SYNQOR-PQ60015QPA60NK9 Datasheet
582Kb / 14P
   Quarter-brick DC/DC Converter
PQ60015QPA60NKQ SYNQOR-PQ60015QPA60NKQ Datasheet
582Kb / 14P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60015QML15

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60050QML15 SYNQOR-PQ60050QML15 Datasheet
686Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025QML15 SYNQOR-PQ60025QML15 Datasheet
722Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015EML15 SYNQOR-PQ60015EML15 Datasheet
844Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018EML15 SYNQOR-PQ60018EML15 Datasheet
789Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QML15 SYNQOR-PQ60033QML15 Datasheet
733Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QML15 SYNQOR-PQ60018QML15 Datasheet
654Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com