Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60015HPAA0NYS-G Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60015HPAA0NYS-G
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015HPAA0NYS-G Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60015HPAA0NYS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015HPAA0NYS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015HPAA0NYS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015HPAA0NYS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015HPAA0NYS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60015HPAA0NYS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60015HPAA0NYS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60015HPAA0NYS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60015HPAA0NYS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
1.5 V
100 A
Half-brick
Technical Specification
C
2
C
1
L
Vin(+)
Vin(_)
Vin
External
Input
Filter
Trim
Vin(+)
I
load
C
load
Vout(+)
R
trim-up
or
R
trim-down
Vsense(+)
ON/OFF
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur because
any DC/DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input System
Instability” is available on the SynQor website which provides
an understanding of why this instability arises, and shows the
preferred solution for correcting it.
Application Circuits: Figure D below provides a typical circuit
diagram which details the input filtering and voltage trimming.
Input Filtering and External Capacitance: Figure E below
provides a diagram showing the internal input filter components.
This filter dramatically reduces input terminal ripple current, which
otherwise could exceed the rating of an external electrolytic input
capacitor. The recommended external input capacitance is speci-
fied in the “Input Characteristics” section. More detailed informa-
tion is available in the application note titled “EMI Characteristics”
on the SynQor website.
Startup Inhibit Period: The Startup Inhibit Period ensures that
the converter will remain off for approximately 200ms when it is
shut down for any reason. When an output short is present, this
generates a 5Hz “hiccup mode,” which prevents the converter
from overheating. In all, there are seven ways that the converter
can be shut down, initiating a Startup Inhibit Period:
• Input Under-Voltage Lockout
• Input Over-Voltage Shutdown (not present in Quarter-brick)
• Output Over-Voltage Protection
• Over Temperature Shutdown
• Current Limit
• Short Circuit Protection
• Turned off by the ON/OFF input
Figure F shows three turn-on scenarios, where a Startup Inhibit
Period is initiated at t0, t1, and t2:
Before time t0, when the input voltage is below the UVL threshold,
the unit is disabled by the Input Under-Voltage Lockout feature.
When the input voltage rises above the UVL threshold, the Input
Under-Voltage Lockout is released, and a Startup Inhibit Period is
initiated. At the end of this delay, the ON/OFF pin is evaluated,
and since it is active, the unit turns on.
At time t1, the unit is disabled by the ON/OFF pin, and it cannot
be enabled again until the Startup Inhibit Period has elapsed.
When the ON/OFF pin goes high after t2, the Startup Inhibit
Period has elapsed, and the output turns on within the typical
Turn-On Time.
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on the specifications page).
47µF
Product # PQ60015HPAA0
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP651K Rev. D
05\20\09
Page 11


Similar Part No. - PQ60015HPAA0NYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015HTA60 SYNQOR-PQ60015HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NKF SYNQOR-PQ60015HTA60NKF Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NKS SYNQOR-PQ60015HTA60NKS Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NNF SYNQOR-PQ60015HTA60NNF Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NNS SYNQOR-PQ60015HTA60NNS Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60015HPAA0NYS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com