Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV0831 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV0831
Description  3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV0831 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV0831 Datasheet HTML 3Page - Texas Instruments TLV0831 Datasheet HTML 4Page - Texas Instruments TLV0831 Datasheet HTML 5Page - Texas Instruments TLV0831 Datasheet HTML 6Page - Texas Instruments TLV0831 Datasheet HTML 7Page - Texas Instruments TLV0831 Datasheet HTML 8Page - Texas Instruments TLV0831 Datasheet HTML 9Page - Texas Instruments TLV0831 Datasheet HTML 10Page - Texas Instruments TLV0831 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TLV0831C, TLV0831I
TLV0832C, TLV0832I
3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS148 – SEPTEMBER 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics VCC = Vref = 3.3 V, f(CLK) = 250 kHz, tr = tf = 20 ns, TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Supply-voltage variation error
VCC = 3 V to 3.6 V
±1/16
±1/4
LSB
Total unadjusted error (see Note 5)
Vref = 3.3 V,
TA = MIN to MAX
±1
LSB
Common-mode error
Differential mode
±1/16
±1/4
LSB
t d
Propagation delay time,
output data after CLK
MSB-first data
CL = 100 pF
200
500
ns
tpd
output data after CLK
(see Note 6)
LSB-first data
CL = 100 pF
80
200
ns
tdi
Output disable time DO after CS
CL = 10 pF,
RL = 10 kΩ
80
125
ns
tdis
Output disable time, DO after CS
CL = 100 pF, RL = 2 kΩ
250
ns
tconv
Conversion time (multiplexer-addressing
time not included)
8
clock
periods
† All parameters are measured under open-loop conditions with zero common-mode input voltage. For conditions shown as MIN or MAX, use the
appropriate value specified under recommended operating conditions.
NOTES:
5. Total unadjusted error includes offset, full-scale, linearity, and multiplexer errors.
6. The MSB-first data is output directly from the comparator and, therefore, requires additional delay to allow for comparator response
time. LSB-first data applies only to TLV0832.


Similar Part No. - TLV0831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV0831C TI1-TLV0831C Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0831CD TI1-TLV0831CD Datasheet
696Kb / 21P
[Old version datasheet]    8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
TLV0831CD TI1-TLV0831CD Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0831CDG4 TI1-TLV0831CDG4 Datasheet
696Kb / 21P
[Old version datasheet]    8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
TLV0831CDR TI1-TLV0831CDR Datasheet
696Kb / 21P
[Old version datasheet]    8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
More results

Similar Description - TLV0831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV0834C TI1-TLV0834C_16 Datasheet
1Mb / 29P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0831C TI1-TLV0831C_16 Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834 TI1-TLV0834 Datasheet
847Kb / 26P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI1-TLV0834C_14 Datasheet
1Mb / 27P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV0834C TI-TLV0834C Datasheet
239Kb / 16P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com