Part Name
         Description
PQ60015HTA60

 60 Amp, No Heatsink, Isolated DC/DC Converter ( 14 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 4 page
background image
Product # PQ60015HTA60
Phone 1-888-567-9596
Doc.# 005-2HT461F Rev. D
11/21/02
Page 4
Half
Half
Brick
Brick
Technical Specification
48Vin 1.5Vout 60A
Parameter P
Min.
Typ.
Max.
Units
Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency
230
260
290
kHz
ON/OFF Control (Option P)
Off-State Voltage
-2
0.8
V
On-State Voltage
2.7
18
V
ON/OFF Control (Option N)
Off-State Voltage
2.7
18
V
On-State Voltage
-2
0.8
V
ON/OFF Control (Either Option)
Figures A, B
Pull-Up Voltage
Vin/6
15
V
Pull-Up Resistance
42
k
Output Voltage Trim Range
-10
+19
%
Measured across Pins 9 & 5; Figure C
Output Voltage Remote Sense Range
+19
%
Measured across Pins 9 & 5
Output Over-Voltage Protection
120
125
130
%
Over full temp range; % of nominal Vout
Over-Temperature Shutdown
120
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF
2.2
106 Hrs. Telcordia TR-NWT-000332; 80% load,300LFM, 40oC Ta
Calculated MTBF
1.3
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta
Demonstrated MTBF
>20
106 Hrs. Field demonstrated MTBF
STANDARDS COMPLIANCE
Parameter P
Notes
STANDARDS COMPLIANCE
UL/cUL 60950
File # E194341, Basic insulation & pollution degree 2
EN60950
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
• An external input fuse must always be used to meet these safety requirements
QUALIFICATION TESTING
Parameter P
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off
Solderability
15 pins
MIL-STD-883, method 2003
Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact factory for more information about Proof of Design and Proof of Manufacturing processes.
ELECTRICAL CHARACTERISTICS (Continued)
OPTIONS
SynQor provides various options for Logic Sense, Pin Length and
Feature Set for this family of DC/DC converters. Please consult the
last page of this specification sheet for information on available
options.
PATENTS
SynQor is protected under various patents, including but not lim-
ited to U.S. Patent # 5,999,417.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ48018HMA3030 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60012HTA6060 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48018HTA6060 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60012QTA4040 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48020HGA4040 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ60015EML1515 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48020HKA2020 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48020HMA3030 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48020HTA6060 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ48020QGA2525 Amp No Heatsink Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl