Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60015HPAA0PKS-G Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60015HPAA0PKS-G
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015HPAA0PKS-G Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60015HPAA0PKS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015HPAA0PKS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015HPAA0PKS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015HPAA0PKS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015HPAA0PKS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015HPAA0PKS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60015HPAA0PKS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60015HPAA0PKS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60015HPAA0PKS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
1.5 V
100 A
Half-brick
Technical Specification
0.0001
0.001
0.01
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 19: Magnitude of incremental output impedance (Zout = vout/
iout) for minimum, nominal, and maximum input voltage at full rated
power.
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 20: Magnitude of incremental forward transmission (FT = vout/
vin) for minimum, nominal, and maximum input voltage at full rated
power.
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 21: Magnitude of incremental reverse transmission (RT = iin/
iout) for minimum, nominal, and maximum input voltage at full rated
power.
0.1
1
10
100
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 22: Magnitude of incremental input impedance (Zin = vin/iin)
for minimum, nominal, and maximum input voltage at full rated power.
0
1
2
3
4
5
6
7
8
9
10
40.0
39.5
39.0
38.5
38.0
37.5
37.0
36.5
36.0
35.5
35.0
Input Voltage (V)
100% Load
50% Load
0% Load
Figure 23: Achievable trim-up percentage vs. input voltage. at output
loads of 0%, 50% and full load.
Product # PQ60015HPAA0
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP651K Rev. D
05\20\09
Page 8


Similar Part No. - PQ60015HPAA0PKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015HTA60 SYNQOR-PQ60015HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NKF SYNQOR-PQ60015HTA60NKF Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NKS SYNQOR-PQ60015HTA60NKS Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NNF SYNQOR-PQ60015HTA60NNF Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015HTA60NNS SYNQOR-PQ60015HTA60NNS Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60015HPAA0PKS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com