Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH495DPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CH495DPT
Description  SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.4 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CH495DPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CH495DPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CH495DPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CH495DPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY BARRIER DIODE
VOLTAGE 40 Volts
CURRENT 0.4 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-5
Maximum Average Reverse Current at VR= 25V
CHARACTERISTICS
SYMBOL
UNITS
0.50
70
uAmps
Volts
Maximum Instantaneous Forward Voltage at IF(2)= 200mA
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 8.3 mSec single half sine-wave
Typical Junction Capacitance between Terminal (Note 1)
Storage Temperature Range
Maximum Operating Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TJ
VF(2)
0.30
Volts
Maximum Instantaneous Forward Voltage at IF(1)= 10mA
VF(1)
IR
TSTG
IFSM
CH495DPT
UNITS
40
Volts
Volts
Volts
Amps
28
25
0.4
2.0
20
+125
-40 to +125
Amps
pF
oC
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 10.0 volts.
2. ESD sensitive product handling required.
CIRCUIT
APPLICATION
* Low power rectification
FEATURE
* Small surface mounting type. (SOT-23)
* Two diode with common cathode for excellent.
* High reliability
CONSTRUCTION
* Silicon epitaxial planar
* 04F
MARKING
(1)
(2)
(3)
CH495DPT
SOT-23
Dimensions in inches and (millimeters)
SOT-23
.103 (2.64)
.028 (0.70)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.045 (1.15)
.033 (0.85)
.086 (2.20)
(1)
(2)
(3)


Similar Part No. - CH495DPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH495N1PT CHENMKO-CH495N1PT Datasheet
83Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.4 Ampere
More results

Similar Description - CH495DPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH495N1PT CHENMKO-CH495N1PT Datasheet
83Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.4 Ampere
CH493DPT CHENMKO-CH493DPT Datasheet
146Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.4 Ampere
CH494N1PT CHENMKO-CH494N1PT Datasheet
69Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.4 Ampere
CH494DPT CHENMKO-CH494DPT Datasheet
134Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.4 Ampere
CH494WSPT CHENMKO-CH494WSPT Datasheet
2Mb / 2P
   SCHOTTKY BARRIER DIODEV VOLTAGE 40 Volts CURRENT 0.4 Ampere
CH0420LPT CHENMKO-CH0420LPT Datasheet
116Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 20 Volts CURRENT 0.4 Ampere
CH0420LSPT CHENMKO-CH0420LSPT Datasheet
116Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 20 Volts CURRENT 0.4 Ampere
1SS388PT CHENMKO-1SS388PT Datasheet
70Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.1 Ampere
CH705DPT CHENMKO-CH705DPT Datasheet
493Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715MCPT CHENMKO-CH715MCPT Datasheet
81Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com