Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH402H-40PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CH402H-40PT
Description  SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.02 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CH402H-40PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CH402H-40PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CH402H-40PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CH402H-40PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CH402H-40PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY BARRIER DIODE
VOLTAGE 40 Volts
CURRENT 0.02 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-6
Maximum Average Reverse Current at VR= 40V
CHARACTERISTICS
SYMBOL
MIN.
TYP.
MAX.
UNITS
0.58
-
-
-
1.00
10
uAmps
Volts
Maximum Instantaneous Forward Voltage at IF= 2mA
RATINGS
Maximum Recurrent Peak Reverse Voltage
Total Power Dissipation, TS< 85
oC
Typical Series Inductance
Typical Case Capacitance
Typical Junction Capacitance between Terminal (Note 1)
Operating and Storage Temperature Range
Typical Differential Resistance (Note 2)
SYMBOL
VRRM
PTOT
LS
CJ
RO
VF
IR
TJ,TSTG
CC
CH402H-40PT
CH402H-40PT
UNITS
-
Volts
mW
nH
-
2.0
0.1
0.35
225
-
pF
pF
k
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 0 volt.
2. Measured at 10 KHZ and applied reverse voltage of 0 volt.
2. ESD sensitive product handling required.
MIN.
TYP.
MAX.
-
-
-
-
Maximum Average Forward Rectified Current
IO
mAmps
-
-
-
-
-
-55
40
20
100
-
-
0.6
-
+150
CIRCUIT
APPLICATION
* Low barrier diode for detectors up to GHz
frequencies
FEATURE
* Small surface mounting type. (SOT-143)
* Extremely low forward voltage.
* A composite component and is ideal for reducing
the number of components used.
* High reliability
CONSTRUCTION
* Silicon epitaxial planar
SOT-143
Dimensions in millimeters
SOT-143
0.1Min.
0.55±0.1
1.1±0.1
0.10±0.05
1.30±0.1
2.6Max.
2.9±0.2
1.70±0.1
0.95
1.9±0.1
0.4±0.1
0.8±0.1
0.4±0.1
0~0.1
0.4±0.1
(1)
(2)
(4)
(3)
(1)
(2)
(4)
(3)
MARKING
* H1


Similar Part No. - CH402H-40PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH402DPT CHENMKO-CH402DPT Datasheet
513Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.3 Ampere
CH402N1PT CHENMKO-CH402N1PT Datasheet
124Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.3 Ampere
More results

Similar Description - CH402H-40PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
1SS388PT CHENMKO-1SS388PT Datasheet
70Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.1 Ampere
CH705DPT CHENMKO-CH705DPT Datasheet
493Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715MCPT CHENMKO-CH715MCPT Datasheet
81Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH715TPT CHENMKO-CH715TPT Datasheet
217Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH741UPT CHENMKO-CH741UPT Datasheet
145Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.03 Ampere
CH420DPT CHENMKO-CH420DPT Datasheet
131Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.1 Ampere
CH494N1PT CHENMKO-CH494N1PT Datasheet
69Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.4 Ampere
CH651L-40PT CHENMKO-CH651L-40PT Datasheet
179Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 1 Ampere
CH400DPT CHENMKO-CH400DPT Datasheet
549Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.5 Ampere
CH451FPT CHENMKO-CH451FPT Datasheet
2Mb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.1 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com