Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP7604 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRP7604
Description  1A 29V Non-Sync. Buck High Power LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7604 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRP7604 Datasheet HTML 2Page - Exar Corporation XRP7604 Datasheet HTML 3Page - Exar Corporation XRP7604 Datasheet HTML 4Page - Exar Corporation XRP7604 Datasheet HTML 5Page - Exar Corporation XRP7604 Datasheet HTML 6Page - Exar Corporation XRP7604 Datasheet HTML 7Page - Exar Corporation XRP7604 Datasheet HTML 8Page - Exar Corporation XRP7604 Datasheet HTML 9Page - Exar Corporation XRP7604 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
X
XR
RP
P7
76
60
04
4
1
1A
A 2
29
9V
V N
No
on
n--S
Sy
yn
nc
c.. B
Bu
uc
ck
k H
Hiig
gh
h P
Po
ow
we
err L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
6/13
Rev. 1.0.0
VFB versus Vin at Iout = 750mA
0.190
0.195
0.200
0.205
0.210
5
101520
25
30
Vin(V)
1 LED
2 LED
Fig. 6: Feedback Voltage vs Input Voltage
Fig. 7: No Cout, Output Ripple=104mVpp, Vin=6V
1 LED, Vf=3.3V @ 0.75A
Fig. 8: No Cout, Output Ripple=284mVpp, Vin=29V
1 LED, Vf=3.3V @ 0.75A
Fig. 9: Cout=1uF, Output Ripple=164mVpp, Vin=29V
1 LED, Vf=3.3V @ 0.75A
Fig. 10: 5V Vin Startup
1 LED, Vf=3.3V @ 0.75A
Fig. 11: 12V Vin Startup
1 LED, Vf=3.3V @ 0.75A
Ch1: Lx
Ch2: Vout(AC)
Ch4: Io 0.75A/div
Ch1: Lx
Ch2: Vout(AC)
Ch4: Io 0.75A/div
Ch1: Lx
Ch2: Vout(AC)
Ch4: Io 0.75A/div
Ch1: Vin
Ch2: Vout
Ch3: VFB
Ch4: Io 0.5A/div
Ch1: Vin
Ch2: Vout
Ch3: VFB
Ch4: Io 0.5A/div


Similar Part No. - XRP7604

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
XRP7618 EXAR-XRP7618 Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618 EXAR-XRP7618 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618EVB EXAR-XRP7618EVB Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618IGB-F EXAR-XRP7618IGB-F Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
More results

Similar Description - XRP7604

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7656 EXAR-SP7656 Datasheet
1Mb / 10P
   3A, 29V Non-Synchronous Buck Converter
SP7601 EXAR-SP7601 Datasheet
345Kb / 9P
   29V High Voltage LED Driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Diodes Incorporated
AP8803 DIODES-AP8803_12 Datasheet
232Kb / 10P
   30V 1A BUCK LED DRIVER
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
logo
Unisonic Technologies
L3010 UTC-L3010_16 Datasheet
193Kb / 6P
   1A HIGH POWER LED DRIVER
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
LTC3454 LINER-LTC3454_15 Datasheet
182Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9521 SISEMIC-SIC9521 Datasheet
386Kb / 7P
   High Precision Non-Isolated BUCK LED Driver
SIC9552A SISEMIC-SIC9552A Datasheet
583Kb / 9P
   High Precision Non-Isolated Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com