Part Name
         Description
PQ60010QTA40

 Quarter-brick DC/DC Converter ( 13 Page)


SYNQOR
100% 
Zoom Out Zoom In
 6 page
background image
Product # PQ60010QTA40
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QT601C Rev. B
10/1/04
Page 6
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
1.0 V
1.0 V
40 A
40 A
Quarter-brick
Quarter-brick
0
5
10
15
20
25
30
35
40
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 7: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
lengthwise from output to input (nominal input voltage).
Figure 8: Thermal plot of converter at 40 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing lengthwise from out-
put to input (nominal input voltage).
Figure 9: Turn-on transient at full rated load (resistive load) (2
ms/div). Input voltage pre-applied. Ch 1: Vout (500mV/div). Ch 2:
ON/OFF input (5V/div).
Figure 10: Turn-on transient at zero load current (2 ms/div). Ch 1:
Vout (500mV/div). Ch 2: ON/OFF input (5V/div).
Figure 11: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 10µF, 100 m
ESR tantalum capac-
itor and 1µF ceramic capacitor. Ch 1: Vout (100mV/div), Ch 2: Iout (10A/div).
Figure 12: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max): dI/dt = 1A/µs). Load cap: 470µF, 30 m
ESR tantalum
capacitor and 1µF ceramic cap. Ch 1: Vout (100mV/div), Ch 2: Iout (10A/div).
Semiconductor junction temperature is
within 1
°C of surface temperature



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ24033QGA25Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ24033QGL25Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ24050QGA20Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ65033QKA04Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ65033QMA06Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ30033QGA25Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ30033QGA30Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ40033QGA25Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ40050QGA20Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ40080QGA09Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl