Part Name
         Description
PQ55540HTL05

 Half-brick DC/DC Converter ( 13 Page)


SYNQOR
100% 
Zoom Out Zoom In
 
 1 page
background image
Product # PQ55540HTL05
Phone 1-888-567-9596
Doc.# 005-2HT554F Rev. A
04/20/06
Page 1
T
Technical
echnical
S
Specification
pecification
PQ55540HTL05
PQ55540HTL05
TThhee PPQ
Q5
55
55
54
40
0H
HTTLL0
05
5 PPoow
weerrQ
Qoorr®® TTeerraa hhaallff--bbrriicckk ccoonnvveerrtteerr iiss
aa nneexxtt--ggeenneerraattiioonn,, bbooaarrdd--m
moouunnttaabbllee,, iissoollaatteedd,, ffiixxeedd ssw
wiittcchh--
iinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess ssyynncchhrroonnoouuss rreeccttii--
ffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem
meellyy hhiigghh ccoonnvveerrssiioonn eeffffiicciieennccyy.. TThhee
ppoow
weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow
w tthhaatt aa hheeaattssiinnkk
iiss nnoott rreeqquuiirreedd,, w
whhiicchh ssaavveess ccoosstt,, w
weeiigghhtt,, hheeiigghhtt,, aanndd aappppllii--
ccaattiioonn eeffffoorrtt.. TThhee TTeerraa sseerriieess ccoonnvveerrtteerrss ooffffeerr tthhee m
maaxxiim
muum
m
uusseeaabbllee oouuttppuutt ppoow
weerr ffoorr aa ssttaannddaarrdd ““hhaallff--bbrriicckk”” m
moodduullee..
TThhee 5
54
4VV TTeerraa uunniittss aarree ddeessiiggnneedd ttoo bbee uusseedd pprriim
maarriillyy iinn
PPoow
weerr oovveerr EEtthheerrnneett ((PPooEE)) aapppplliiccaattiioonnss.. RRooH
HSS C
Coom
mpplliiaanntt ((sseeee
ppaaggee 1
2))..
PQ55540HTL05 Module
38-55V
38-55V
54V
54V
275W
275W
2250Vdc
2250Vdc
Half-brick
Half-brick
Input
Input
Output
Output
Power
Power
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• Ultra-high efficiency, 93% at full rated load current
• Delivers up to 275 Watts of output power with mini-
mal derating - no heatsink required
• Input voltage range: 38V – 55V suitable for 48V bus
applications
• Fixed frequency switching provides predictable EMI
performance
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit shutdown protects
converter and load from permanent damage
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection
• Thermal shutdown
Pr
Protection Features
otection Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and voltage
margining
Contr
Control Features
ol Features
• 2250V, 30 M
input-to-output isolation
• UL/cUL 60950-1 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives
• Meets UL94V-0 flammability requirements
Safety Features
Safety Features
• Industry standard half-brick pin-out configuration
• Industry standard size: 2.3” x 2.4” (58.4 x 61.0mm)
• Total height only 0.34” (8.7mm), permits better airflow
and smaller card pitch
• Total weight: 2.6 oz. (75 grams)
Mechanical Features
Mechanical Features



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PQ48033HTA38Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
BQ60120HEA30Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
PQ55530HEB08Half-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
2SK3843Silicon N-Channel MOS Type Switching Regulator DC/DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK4033Chopper Regulator DC/DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
ASD15HIsolated and Regulated 15 WATT Open Frame DC/DC Converter 1 2 3 Astrodyne Corporation
LTC3443High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter 1 2 3 4 5 MoreLinear Technology
KB3511High Efficiency Low Noise Fast Transient Dual 800mA 2.2MHz Step-Down DC/DC Converter 1 2 3 4 5 MoreKingbor Technology Co
PS0021High Efficiency PFM Step-up DC/DC Converter 1 2 3 4 5 MorePower IC Ltd.
DD24S33-14000DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range 1 2 3 Wall Industries,Inc.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl