Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54SPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # BAT54SPT
Description  SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BAT54SPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  BAT54SPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BAT54SPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT54SPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY DIODE
VOLTAGE 30 Volts
CURRENT 0.2 Ampere
APPLICATION
FEATURE
* Small surface mounting type. (SOT-23)
* High speed. (TRR=2.5nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
CIRCUIT
* Silicon epitaxial planar
* Ultra high speed switching
* Maximum total power disspation is 230mW.
* Peak forward current is 300mA.
MARKING
* LD3
SOT-23
(1)
(2)
(3)
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2003-4
Maximum Average Reverse Current at VR= 25V
CHARACTERISTICS
SYMBOL
UNITS
1.0
2.0
uAmps
Volts
Maximum Instantaneous Forward Voltage at IF= 100mA
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 1Sec.
Typical Junction Capacitance between Terminal (Note 1)
Storage Temperature Range
Maximum Operating Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TJ
VF
IR
TSTG
IFSM
BAT54S
BAT54S
UNITS
30
Volts
Volts
Volts
Amps
21
30
0.2
0.6
10
+150
-55 to +150
Amps
pF
Maximum Reverse Recovery Time (Note 2)
TRR
5.0
nSec
oC
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 1.0 volts.
2. Measured at applied froward current of 10mA and reverse current of 10mA.
4. ESD sensitive product handling required.
Thermal Resistance, Junction to Ambient Air (Note 3)
RqJA
500
oC/W
3. Part mounted on FR-4 board with recommended pad layout.
Dimensions in inches and (millimeters)
SOT-23
.103 (2.64)
.028 (0.70)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.045 (1.15)
.033 (0.85)
.086 (2.20)
(1)
(2)
(3)


Similar Part No. - BAT54SPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT54SP6FILM STMICROELECTRONICS-BAT54SP6FILM Datasheet
163Kb / 13P
   Small signal Schottky diodes
BAT54SP6FILM STMICROELECTRONICS-BAT54SP6FILM Datasheet
158Kb / 13P
   Small signal Schottky diodes
logo
Vishay Siliconix
BAT54SPBF VISHAY-BAT54SPBF Datasheet
78Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 19-Sep-08
More results

Similar Description - BAT54SPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAT54PT CHENMKO-BAT54PT Datasheet
356Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54APT CHENMKO-BAT54APT Datasheet
509Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT43BPT CHENMKO-BAT43BPT Datasheet
179Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54M1PT CHENMKO-BAT54M1PT Datasheet
676Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54VPT CHENMKO-BAT54VPT Datasheet
113Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH481KPT CHENMKO-CH481KPT Datasheet
64Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH351H-30PT CHENMKO-CH351H-30PT Datasheet
78Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
CH521G-30PT CHENMKO-CH521G-30PT Datasheet
912Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54ADWPT CHENMKO-BAT54ADWPT Datasheet
69Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54BDWPT CHENMKO-BAT54BDWPT Datasheet
557Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com