Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54DWPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # BAT54DWPT
Description  SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BAT54DWPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  BAT54DWPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BAT54DWPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( BAT54DWPT )
10u
100u
1m
10m
100m
1
10
0
0.2
0.4
0.6
0.8
1.0
1.2
10n
100n
1u
10u
100u
1m
10m
1
2
5
10
20
50
100
f=1MHz
FORWARD VOLTAGE, (V)
FIG. 1 - FORWARD CHARACTERISTICS
Ta
=1
25
o
C
75
o
C
25
o
C
-2
5
o
C
REVERSE VOLTAGE, (V)
FIG. 2 - REVERSE CHARACTERISTICS
100
oC
75
oC
Ta=125
oC
50
oC
25
oC
0
10
20
30
REVERSE VOLTAGE, (V)
0
2
4
6
8
10
12
14
Ta =25
o
C
0
0
20
40
60
80
100
120
25
50
75
100
125
150
AMBIENT TEMPERATURE, (
oC)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
FIG. 4 - TYPICAL FORWARD CURRENT
DERATING CURVE


Similar Part No. - BAT54DWPT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54DW DIODES-BAT54DW Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
logo
Nanjing International G...
BAT54DW DGNJDZ-BAT54DW Datasheet
946Kb / 5P
   SOT-363 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
BAT54DW DIODES-BAT54DW Datasheet
364Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
BAT54DW DIODES-BAT54DW Datasheet
122Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 11 - 2
More results

Similar Description - BAT54DWPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAT54ADWPT CHENMKO-BAT54ADWPT Datasheet
69Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54BDWPT CHENMKO-BAT54BDWPT Datasheet
557Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54CDWPT CHENMKO-BAT54CDWPT Datasheet
144Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54JWPT CHENMKO-BAT54JWPT Datasheet
151Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54SDWPT CHENMKO-BAT54SDWPT Datasheet
150Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54PT CHENMKO-BAT54PT Datasheet
356Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54APT CHENMKO-BAT54APT Datasheet
509Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT43BPT CHENMKO-BAT43BPT Datasheet
179Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54M1PT CHENMKO-BAT54M1PT Datasheet
676Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
BAT54SPT CHENMKO-BAT54SPT Datasheet
506Kb / 2P
   SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com