Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7524 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7524
Description  8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7524 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC7524 Datasheet HTML 2Page - Texas Instruments TLC7524 Datasheet HTML 3Page - Texas Instruments TLC7524 Datasheet HTML 4Page - Texas Instruments TLC7524 Datasheet HTML 5Page - Texas Instruments TLC7524 Datasheet HTML 6Page - Texas Instruments TLC7524 Datasheet HTML 7Page - Texas Instruments TLC7524 Datasheet HTML 8Page - Texas Instruments TLC7524 Datasheet HTML 9Page - Texas Instruments TLC7524 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TLC7524C, TLC7524E, TLC7524I
8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
SLAS061C – SEPTEMBER 1986 – REVISED NOVEMBER 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
+
Output
RA = 2 kΩ
(see Note A)
WR
CS
DB0–DB7
Vref
C (see Note B)
RB
VDD
GND
OUT2
OUT1
RFB
NOTES: A. RA and RB used only if gain adjustment is required.
B. C phase compensation (10-15 pF) is required when using high-speed amplifiers to prevent
ringing or oscillation.
Figure 3. Unipolar Operation (2-Quadrant Multiplication)
Output
20 k
5 k
10 k
20 k
+
+
RFB
OUT1
OUT2
GND
VDD
RB
C (see Note B)
Vref
DB0–DB7
CS
WR
(see Note A)
RA = 2 kΩ
NOTES: A. RA and RB used only if gain adjustment is required.
B. C phase compensation (10-15 pF) is required when using high-speed amplifiers to prevent ringing or oscillation.
Figure 4. Bipolar Operation (4-Quadrant Operation)
Table 1. Unipolar Binary Code
Table 2. Bipolar (Offset Binary) Code
DIGITAL INPUT
(see Note 3)
ANALOG OUTPUT
DIGITAL INPUT
(see Note 4)
ANALOG OUTPUT
MSB
LSB
MSB
LSB
1 1 1 1 1 1 1 1
–Vref (255/256)
1 1 1 1 1 1 1 1
Vref (127/128)
1 0 0 0 0 0 0 1
–Vref (129/256)
1 0 0 0 0 0 0 1
Vref (1/128)
1 0 0 0 0 0 0 0
–Vref (128/256) = – Vref/2
1 0 0 0 0 0 0 0
0
0 1 1 1 1 1 1 1
–Vref (127/256)
0 1 1 1 1 1 1 1
–Vref (1/128)
0 0 0 0 0 0 0 1
–Vref (1/256)
0 0 0 0 0 0 0 1
–Vref (127/128)
0 0 0 0 0 0 0 0
0
0 0 0 0 0 0 0 0
–Vref
NOTE 3: LSB = 1/256 (Vref)
NOTE 4: LSB = 1/128 (Vref)


Similar Part No. - TLC7524

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7524C TI-TLC7524C Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CD TI1-TLC7524CD Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CDG4 TI1-TLC7524CDG4 Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CDR TI1-TLC7524CDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524CDRG4 TI1-TLC7524CDRG4 Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7524

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
logo
Texas Instruments
TLC7528CNSR TI1-TLC7528CNSR Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Hitachi Semiconductor
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
TLC7524C TI-TLC7524C_15 Datasheet
800Kb / 23P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com