Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ48150HGA10NRF Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ48150HGA10NRF
Description  150 Watt, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48150HGA10NRF Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ48150HGA10NRF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48150HGA10NRF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48150HGA10NRF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48150HGA10NRF Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ48150HGA10NRF Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ48150HGA10NRF Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ48150HGA10NRF Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ48150HGA10NRF Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ48150HGA10NRF Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Note: the output over-voltage protection circuit senses the volt-
age across the sense leads (pins 8 and 6) to determine when it
should trigger, not the voltage across the converter’s output pins
(pins 9 and 5).
OUTPUT VOLTAGE TRIM (Pin 7): The TRIM input permits
the user to adjust the output voltage across the sense leads up
or down according to the trim range specifications.
To decrease the output voltage, the user should connect a resis-
tor between Pin 7 and Pin 6 (SENSE(-) input). For a desired
decrease of the nominal output voltage, the value of the resis-
tor should be
Rtrim-down =
(
100%) - 2 kΩ
where
∆% =
(
Vnominal – Vdesired) x 100%
Vnominal
To increase the output voltage, the user should connect a resis-
tor between Pin 7 and Pin 8 (SENSE(+) input). For a desired
increase of the nominal output voltage, the value of the resistor
should be
Figure C graphs the relationship between the trim resistor value
and Rtrim-up and Rtrim-down, showing the total range the out-
put voltage can be trimmed up or down.
Figure C: Trim Graph for 15Vout module
Note: the TRIM feature does not affect the voltage at which the
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection
circuit to engage, particularly during transients.
It is not necessary for the user to add capacitance at the Trim
pin. The node is internally bypassed to eliminate noise.
Total DC Variation of Vout: For the converter to meet its
full specifications, the maximum variation of the DC value of
Vout, due to both trimming and remote load voltage drops,
should not be greater than that specified for the output voltage
trim range.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed
to turn off when the input voltage is too low, helping avoid an
input system instability problem, described in more detail in the
application note titled “Input System Instability”. The lockout cir-
cuitry is a comparator with DC hysteresis. When the input volt-
age is rising, it must exceed the typical Turn-On Voltage
Threshold value (listed on the specification page) before the
converter will turn on. Once the converter is on, the input volt-
age must fall below the typical Turn-Off Voltage Threshold value
before the converter will turn off.
Input Over-Voltage Shutdown: Available on PQ48 mod-
els only. The converter turns off when the input voltage is too
high, allowing the converter to withstand an input voltage as
high as 100V without destruction. The shutdown circuitry is a
comparator with DC hysteresis. When the input voltage
exceeds the typical Input Over-Voltage Shutdown value, the
converter will turn off. Once the converter is off, it will turn back
on when the input voltage falls below the minimum Input Over-
Voltage Shutdown value.
Output Current Limit: The maximum current limit remains
constant as the output voltage drops. However, once the
impedance of the short across the output is small enough to
make the output voltage drop below the specified Output DC
Current-Limit Shutdown Voltage, the converter turns off.
The converter then enters a “hiccup mode” where it repeatedly
turns on and off at a 5 Hz (nominal) frequency with a 5% duty
cycle until the short circuit condition is removed. This prevents
excessive heating of the converter or the load board.
Output Over-Voltage Limit: If the voltage across the output
pins exceeds the Output Over-Voltage Protection threshold, the
converter will immediately stop switching. This prevents dam-
age to the load circuit due to 1) excessive series resistance in
output current path from converter output pins to sense point, 2)
Product # PQ48150HGA10
Phone 1-888-567-9596
Doc.# 005-2HG415C Rev. B
12/03/02
Page 10
Half
Half
Brick
Brick
Technical Specification
48Vin 15Vout 10A
1
10
100
1,000
10,000
01 23 456 78 9 10 11 12 13 14 15 16 17 18 19 20
% Increase in Vout
% Decrease in Vout
k
Rtrim-up =
VNOM
VREF
- 2
() • V
DES + VNOM
VDES - VNOM


Similar Part No. - PQ48150HGA10NRF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NKF SYNQOR-PQ48150HTA11NKF Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NKS SYNQOR-PQ48150HTA11NKS Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NNF SYNQOR-PQ48150HTA11NNF Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11NNS SYNQOR-PQ48150HTA11NNS Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48150HGA10NRF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60050HPA45 SYNQOR-PQ60050HPA45 Datasheet
704Kb / 13P
   225 Watt, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com