Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ48120HGA12PYF Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ48120HGA12PYF
Description  150 Watt, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48120HGA12PYF Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ48120HGA12PYF Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48120HGA12PYF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48120HGA12PYF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48120HGA12PYF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48120HGA12PYF Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ48120HGA12PYF Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ48120HGA12PYF Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ48120HGA12PYF Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ48120HGA12PYF Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Product # PQ48120HGA12
Phone 1-888-567-9596
Doc.# 005-2HG412C Rev. B
9/8/04
Page 9
Half
Half
Brick
Brick
Technical Specification
48Vin 12Vout 12.5A
BASIC OPERATION AND FEATURES
The
PowerQor series converter uses a two-stage power conver-
sion topology. The first stage is a buck-converter that keeps the
output voltage constant over variations in line, load, and tem-
perature. The second stage uses a transformer to provide the
functions of input/output isolation and voltage step-down to
achieve the low output voltage required.
Both the first stage and the second stage switch at a fixed fre-
quency for predictable EMI performance. Rectification of the
transformer’s output is accomplished with synchronous recti-
fiers. These devices, which are MOSFETs with a very low on-
state resistance, dissipate far less energy than Schottky diodes.
This is the primary reason that the
PowerQor converter has such
high efficiency, even at very low output voltages and very high
output currents.
Dissipation throughout the converter is so low that it does not
require a heatsink for operation. Since a heatsink is not
required, the
PowerQor converter does not need a metal base-
plate or potting material to help conduct the dissipated energy
to the heatsink. The
PowerQor converter can thus be built more
simply and reliably using high yield surface mount techniques
on a PCB substrate.
The
PowerQor series of half-brick and quarter-brick converters
uses the industry standard footprint and pin-out configuration.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, per-
mits the user to control when the converter is
on or off. This
input is referenced to the return terminal of the input bus,
Vin(-). There are two versions of the converter that differ by the
sense of the logic used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high turns the converter
on). In the negative
logic version, the ON/OFF signal is active low (meaning that a
low turns the converter
on). Figure A details five possible cir-
cuits for driving the ON/OFF pin. Figure B is a detailed look of
the internal ON/OFF circuitry.
REMOTE SENSE(+) (Pins 8 and 6): The SENSE(+) inputs
correct for voltage drops along the conductors that connect the
converter’s output pins to the load.
Pin 8 should be connected to Vout(+) and Pin 6 should be con-
nected to Vout(-) at the point on the board where regulation is
desired. A remote connection at the load can adjust for a volt-
age drop only as large as that specified in this datasheet, that
is
[Vout(+) - Vout(-)] [Vsense(+) - Vsense(-)] <
Sense Range % x Vout
Pins 8 and 6 must be connected for proper regulation of the out-
put voltage. If these connections are not made, the converter
will deliver an output voltage that is slightly lower than its spec-
ified value.
Open Collector Enable Circuit
Figure A: Various circuits for driving the ON/OFF pin.
Figure B: Internal ON/OFF pin circuitry
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
TTL
5V
50k
274k
Vin(+)
ON/OFF
Vin(_)
50k
100pF


Similar Part No. - PQ48120HGA12PYF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NKF SYNQOR-PQ48150HGA10NKF Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NKS SYNQOR-PQ48150HGA10NKS Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NNF SYNQOR-PQ48150HGA10NNF Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NNS SYNQOR-PQ48150HGA10NNS Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48120HGA12PYF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60050HPA45 SYNQOR-PQ60050HPA45 Datasheet
704Kb / 13P
   225 Watt, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com