Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS40TAPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # BAS40TAPT
Description  SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BAS40TAPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  BAS40TAPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BAS40TAPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS40TAPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY DIODE
VOLTAGE 40 Volts
CURRENT 0.2 Ampere
APPLICATION
FEATURE
* High speed. (TRR=2.5nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
* Silicon epitaxial planar
WEIGHT
* 0.006 grams ( Approx.)
* TP
* Ultra high speed switching
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2004-06
Maximum Average Reverse Current at VR= 30V
CHARACTERISTICS
SYMBOL
UNITS
380
1000
200
nAmps
mVolts
Maximum Instantaneous Forward Voltage
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 1Sec.
Typical Junction Capacitance between Terminal (Note 1)
Storage Temperature Range
Maximum Operating Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TJ
VF
IR
TSTG
IFSM
BAS40TAPT
UNITS
40
Volts
Volts
Volts
Amps
28
40
0.2
0.6
5.0
-55 to +125
-65 to +150
Amps
pF
Maximum Reverse Recovery Time (Note 2)
TRR
5.0
nSec
oC
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 0.0 volts.
2. Measured at applied froward current of 10mA and reverse current of 10mA.
3. ESD sensitive product handling required.
* Maximum total power disspation is 200mW.
* Peak forward current is 300mA.
CIRCUIT
MARKING
@IF= 1.0mA
@IF= 40mA
(1)
(2)
(3)
SC-75/SOT-416
* Small surface mounting type. (SC-75/SOT-416)
BAS40TAPT
Dimensions in millimeters
SC-75/SOT-416
0.5
0.5
1.0±0.1
1.6±0.2
0.6~0.9
0.3±
0.15±0.05
0.8±0.1
1.6±0.2
0.1Min.
0.1
0.05
0.2±0.1
0.05
0.2±0.1
0.05
0~0.1


Similar Part No. - BAS40TAPT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
160Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 5 - 2
logo
Weitron Technology
BAS40T WEITRON-BAS40T Datasheet
394Kb / 3P
   Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
78Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 10 - 2
logo
SeCoS Halbleitertechnol...
BAS40T SECOS-BAS40T Datasheet
349Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 13 - 2 July 2008
More results

Similar Description - BAS40TAPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAS40PT CHENMKO-BAS40PT Datasheet
375Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40SPT CHENMKO-BAS40SPT Datasheet
303Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40TCPT CHENMKO-BAS40TCPT Datasheet
242Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40CPT CHENMKO-BAS40CPT Datasheet
611Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40APT CHENMKO-BAS40APT Datasheet
1Mb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40TPT CHENMKO-BAS40TPT Datasheet
241Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40VPT CHENMKO-BAS40VPT Datasheet
203Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40WAPT CHENMKO-BAS40WAPT Datasheet
74Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40TSPT CHENMKO-BAS40TSPT Datasheet
242Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
BAS40WCPT CHENMKO-BAS40WCPT Datasheet
201Kb / 2P
   SCHOTTKY DIODE VOLTAGE 40 Volts CURRENT 0.2 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com