Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ04T33HMA16ORS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # NQ04T33HMA16ORS
Description  16Amp, wide ouput range, Non-Isolated DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04T33HMA16ORS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  NQ04T33HMA16ORS Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ04T33HMA16ORS Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04T33HMA16ORS Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04T33HMA16ORS Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04T33HMA16ORS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04T33HMA16ORS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04T33HMA16ORS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04T33HMA16ORS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04T33HMA16ORS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Product # NQ04T33VMA16
Phone 1-888-567-9596
Doc.# 005-2NV4T3E Rev. B
7/6/04
Page 1
Technical Specification
3.0 - 5.5Vin 16A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
The NiQorSIP DC/DC converter is a non-isolated
buck regulator, which employs a fixed switching fre-
quency and synchronous rectification to achieve
extremely high conversion efficiency. The NiQor
family of converters are used predominately in DPA
systems using a front end DC/DC high power brick
(48Vin to low voltage bus). The non-isolated NiQor
converters are then used at the point of load to cre-
ate the low voltage outputs required by the design.
The wide trim module can be programmed to a vari-
ety of output voltages through the use of a single
resistor.
16Amp, wide ouput range, Non-Isolated DC/DC Converter
NiQor vertical mount SIP module
Mechanical Features
• Industry standard SIP pin-out configuration
•Industry standard size: 2.0” x 0.55” x 0.29 (50.8 x
14 x 7.3mm)
• Total weight: 0.30 oz. (9.4 g), lower mass greatly
reduces vibration and shock problems
• Open frame construction maximizes air flow cooling
• Available in both vertical and horizontal mounting
Safety Features
• UL 1950 recognized (US & Canada)
• TUV certified to EN60950
• Meets 72/23/EEC and 93/68/EEC directives
which facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flam-
mability requirements
Operational Features
• Ultra-high efficiency, up to 94% full load, 95% half
• Delivers 16 amps of output current with minimal der-
ating - no heatsink required
• Input voltage range: 3.0 - 5.5V
• Programmable output voltages from 0.85 - 3.6V
• Fixed frequency switching provides predictable EMI
performance
• Fast transient response time
• On-board input and output filter capacitor
• No minimum load requirement means no preload
resistors required
Protection Features
• Input under-voltage lockout disables converter at
low input voltage conditions
• Temperature compensated over-current shutdown
protects converter from excessive load current or
short circuits
• Output over-voltage protection protects load from
damaging voltages (>4.4V)
• Thermal shutdown
Control Features
• On/Off control
• Output voltage trim (industry standard) permits
custom voltages and voltage margining
• Remote sense (standard option)
• Fixed output voltage 15A modules available
(0.9V - 3.3V)
Non-Isolated
Non-Isolated
*
* Final datasheet pending ECO review and signature.


Similar Part No. - NQ04T33HMA16ORS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33HKA10ORN SYNQOR-NQ04T33HKA10ORN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10ORS SYNQOR-NQ04T33HKA10ORS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVN SYNQOR-NQ04T33HKA10OVN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVS SYNQOR-NQ04T33HKA10OVS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10PRN SYNQOR-NQ04T33HKA10PRN Datasheet
798Kb / 18P
   SIP Single In-Line Package
More results

Similar Description - NQ04T33HMA16ORS

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com